Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1871-7 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1871-7
Description  No RSENSE Current Mode Boost DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871-7 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1871-7 Datasheet HTML 6Page - Linear Technology LTC1871-7 Datasheet HTML 7Page - Linear Technology LTC1871-7 Datasheet HTML 8Page - Linear Technology LTC1871-7 Datasheet HTML 9Page - Linear Technology LTC1871-7 Datasheet HTML 10Page - Linear Technology LTC1871-7 Datasheet HTML 11Page - Linear Technology LTC1871-7 Datasheet HTML 12Page - Linear Technology LTC1871-7 Datasheet HTML 13Page - Linear Technology LTC1871-7 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3872-1
10
38721f
For more information www.linear.com/LTC3872-1
to 30V or less, and the switch node can ring during the
turn-off of the MOSFET due to layout parasitics. Check
the switching waveforms of the MOSFET directly across
the drain and source terminals using the actual PC board
layout(notjustonalabbreadboard!)forexcessiveringing.
During the switch on-time, the control circuit limits the
maximumvoltagedropacrossthepowerMOSFETtoabout
285mV, 105mV and 185mV at low duty cycle with IPRG
tied to VIN, GND, or left floating respectively. The peak
inductorcurrentisthereforelimitedto(285mV,105mVand
185mV)/RDS(ON) depending on the status of the IPRG pin.
The relationship between the maximum load current, duty
cycle and the RDS(ON) of the power MOSFET is:
RDS(ON) ≤ VSENSE(MAX)
1–DMAX
1+ χ
2
•IO(MAX) •ρT
VSENSE(MAX) is the maximum voltage drop across the
powerMOSFET.VSENSE(MAX)istypically285mV,185mVand
105mV. It is reduced with increasing duty cycle as shown
in Figure 3. The
rT term accounts for the temperature co-
efficient of the RDS(ON) of the MOSFET, which is typically
0.4%/°C. Figure 4 illustrates the variation of normalized
RDS(ON) over temperature for a typical power MOSFET.
Another method of choosing which power MOSFET to
use is to check what the maximum output current is for a
given RDS(ON),sinceMOSFETon-resistancesareavailable
in discrete values.
IO(MAX) = VSENSE(MAX)
1–DMAX
1+ χ
2
 •RDS(ON) •ρT
It is worth noting that the 1 – DMAX relationship between
IO(MAX) and RDS(ON) can cause boost converters with a
wide input range to experience a dramatic range of maxi-
mum input and output current. This should be taken into
consideration in applications where it is important to limit
the maximum current drawn from the input supply.
Voltage on the NGATE pin should be within –0.3V to
(VIN + 0.3V) limits. Voltage stress below –0.3V and above
VIN + 0.3V can damage internal MOSFET driver, see Func-
tional Diagram. This is especially important in case of
driving MOSFETs with relatively high package inductance
(DPAK and bigger) or inadequate layout. A small Schottky
diode between NGATE pin and ground can prevent nega-
tive voltage spikes. Two small Schottky diodes can inhibit
positive and negative voltage spikes (Figure 5).
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
38721 F04
0.5
0
0
50
100
2.0
Figure 4. Normalized RDS(ON) vs Temperature
Figure 5
Figure 3. Maximum SENSE Threshold Voltage vs Duty Cycle
DUTY CYCLE (%)
1
0
50
100
150
200
250
300
20
40
60
80
38721 G03
100
IPRG = HIGH
IPRG = FLOAT
IPRG = LOW
applicaTions inForMaTion
SW
GND
VIN
NGATE
38721 F04
LTC3872-1
SW
GND
VIN
NGATE
LTC3872-1


Similar Part No. - LTC1871-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
   High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
More results

Similar Description - LTC1871-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3872 LINER-LTC3872 Datasheet
266Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com