Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3866 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3866
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3866 Datasheet(HTML) 5 Page - Linear Technology

  LTC3866 Datasheet HTML 1Page - Linear Technology LTC3866 Datasheet HTML 2Page - Linear Technology LTC3866 Datasheet HTML 3Page - Linear Technology LTC3866 Datasheet HTML 4Page - Linear Technology LTC3866 Datasheet HTML 5Page - Linear Technology LTC3866 Datasheet HTML 6Page - Linear Technology LTC3866 Datasheet HTML 7Page - Linear Technology LTC3866 Datasheet HTML 8Page - Linear Technology LTC3866 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3874-1
5
38741f
For more information www.linear/LTC3874-1
Typical perForMance characTerisTics
INTVCC Line Regulation
Undervoltage Lockout Threshold
(INTVCC vs Threshold)
Current Sense Threshold vs
ITH Voltage
Quiescent Current vs Input
Voltage without EXTVCC
Maximum Current Sense Threshold
vs Common Mode Voltage
(LOWDCR = INTVCC, VITH = 2.18V)
Quiescent Current vs Temperature
without EXTVCC
Inductor Current at Light Load
Start-Up Into a Prebiased Load
2-Phase Operation LTC3884-1
and LTC3874-1
(TA = 25°C unless otherwise specified)
VITH (V)
0
–40
–20
0
20
40
60
100
80
0.5
1
2.5
1.5
3
2
38741 G10
LOWDCR = L, RANGE = H
LOWDCR = H,
RANGE = L
LOWDCR = H,
RANGE = H
LOWDCR = L,
RANGE = L
VISENSE COMMON MODE VOLTAGE (V)
0
10
15
3.5
5
0
1.0
0.5
2.0
2.5
3.0
1.5
20
25
30
38741 G11
ILIM = GND
ILIM = INTVCC
TEMPERATURE (°C)
–50
4.1
3.9
2.9
3.7
2.7
3.1
3.5
2.5
3.3
95
38741 G12
–5
45
125
FALLING
RISING
VIN = 12V
VOUT = 1.2V
1µs/DIV
DISCONTINUOUS
CONDUCTION
MODE
5A/DIV
FORCED
CONTINUOUS
MODE
5A/DIV
38741 G06
VIN 12V
VOUT = 1.2V
2ms/DIV
RUN
ALL RUN PINS
TIED TOGETHER
2V/DIV
VOUT
IN CCM
500mV/DIV
38741 G07
TEMPERATURE (°C)
–50
0
50
100
150
3
4
5
6
38741 G8
INPUT VOLTAGE (V)
0
10
20
30
40
0
1
2
3
4
5
6
38741 G9
INPUT VOLTAGE (V)
0
10
20
30
40
3
4
5
6
38741 G13


Similar Part No. - LTC3866

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3866 LINER-LTC3866 Datasheet
979Kb / 46P
   Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
LTC3866 LINER-LTC3866 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results

Similar Description - LTC3866

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3874 LINER-LTC3874_15 Datasheet
542Kb / 28P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3884 LINER-LTC3884 Datasheet
3Mb / 128P
   Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
   PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com