Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3880-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3880-1
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3880-1 Datasheet HTML 6Page - Linear Technology LTC3880-1 Datasheet HTML 7Page - Linear Technology LTC3880-1 Datasheet HTML 8Page - Linear Technology LTC3880-1 Datasheet HTML 9Page - Linear Technology LTC3880-1 Datasheet HTML 10Page - Linear Technology LTC3880-1 Datasheet HTML 11Page - Linear Technology LTC3880-1 Datasheet HTML 12Page - Linear Technology LTC3880-1 Datasheet HTML 13Page - Linear Technology LTC3880-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3870-1
10
38701f
For more information www.linear.com/LTC3870-1
operaTion
LTC3887-1
180°
LTC3887-1
180°
LTC3870-1
180°
LTC3870-1
120°
240°
PHASMD = GND
2 + 2 OPERATION
1 + 3 OPERATION
6 PHASE OPERATION
4 PHASE OPERATION
PHASMD = 2/3 INTVCC OR FLOAT
CH0
CH1
CH0
CH1
CH0
CH1
CH0
CH1
LTC3887-1
180°
LTC3870-1
90°
270°
PHASMD = INTVCC
CH0
CH1
CH0
CH1
LTC3870-1
60°
300°
LTC3887-1
180°
PHASMD = 1/3 INTVCC PHASMD = 2/3 INTVCC
CH0
CH1
CH0
CH1
LTC3870-1
120°
240°
CH0
CH1
38701 F01
Frequency Selection and Phase-Locked Loop (FREQ
and SYNC Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage. The switching fre-
quency of the LTC3870-1 controllers can be synchronized
to the falling edge of the external clock on the SYNC pin
or selected using the FREQ pin. A phase-locked loop
(PLL) is integrated in the LTC3870-1 to synchronize the
internal oscillator to an external clock source that is con-
nected to the SYNC pin; this source is normally provided
by the master controllers. The PLL loop filter network is
Figure 1. Examples of Single/Dual Output Multiphase Converters
integrated inside the LTC3870-1. The phase-locked loop
is capable of locking to any frequency within the range of
100kHz to 1MHz.
If the SYNC pin is not being driven by an external clock
source, the FREQ pin can be used to program the
LTC3870-1’s operating frequency from 100kHz to 1MHz.
There is a precision 10µA current flowing out of the FREQ
pin, so the user can program the controller’s switching
frequency with a single resistor to SGND. A curve is pro-
vided later in the application section showing the relation-
ship between the voltage on the FREQ pin and switching
frequency.Thefrequencysettingresistorshouldalwaysbe
present to set the controller’s initial switching frequency
before locking to the external clock.


Similar Part No. - LTC3880-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3880-1 LINER-LTC3880-1 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3880-1 LINER-LTC3880-1 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3880-1 LINER-LTC3880-1 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3880-1 LINER-LTC3880-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3880-1 LINER-LTC3880-1 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
More results

Similar Description - LTC3880-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
   PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
logo
Analog Devices
LTC7883 AD-LTC7883 Datasheet
1Mb / 26P
   Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
Rev. 0
logo
Linear Technology
LTC3884 LINER-LTC3884 Datasheet
3Mb / 128P
   Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
   Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
   Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com