Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3866 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3866
Description  Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3866 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3866 Datasheet HTML 4Page - Linear Technology LTC3866 Datasheet HTML 5Page - Linear Technology LTC3866 Datasheet HTML 6Page - Linear Technology LTC3866 Datasheet HTML 7Page - Linear Technology LTC3866 Datasheet HTML 8Page - Linear Technology LTC3866 Datasheet HTML 9Page - Linear Technology LTC3866 Datasheet HTML 10Page - Linear Technology LTC3866 Datasheet HTML 11Page - Linear Technology LTC3866 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
LTC3875
8
3875fb
For more information www.linear.com/LTC3875
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current vs Input
Voltage without EXTVCC
Undervoltage Lockout Threshold
(INTVCC) vs Temperature
Oscillator Frequency
vs Input Voltage
Shutdown Current
vs Input Voltage
Shutdown Current vs Temperature
Very Low Output Voltage Ripple
TEMPERATURE (°C)
–50
3.0
3.2
3.6
3.8
4.0
5.0
4.4
0
50
3875 G18
3.4
4.6
4.8
4.2
100
150
RISING
FALLING
INPUT VOLTAGE (V)
0
500
600
700
40
3875 G19
400
300
200
0
10
20
30
100
900
VFREQ = INTVCC
VFREQ = 1.22V
VFREQ = GND
800
INPUT VOLTAGE (V)
0
0
5
15
20
25
50
35
10
20
25
3875 G20
10
40
45
30
5
15
30
35
40
TEMPERATURE (°C)
–50
30
35
40
110
3875 G21
25
20
10
–10
30
70
–30
130
10
50
90
15
50
45
INPUT VOLTAGE (V)
0
4
6
40
3875 G22
2
0
10
20
30
5
15
25
35
8
3
5
1
7
VOUT
LOW RIPPLE
FIGURE 20
10mV/DIV
AC-COUPLED
VOUT
TYPICAL
FRONT PAGE
10mV/DIV
AC-COUPLED
2µs/DIV
3875 G23
VIN = 12V
VOUT = 2.5V


Similar Part No. - LTC3866

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3866 LINER-LTC3866 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results

Similar Description - LTC3866

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3875 LINER-LTC3875_15 Datasheet
606Kb / 44P
   Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
uPI Group Inc.
UP1961S UPI-UP1961S Datasheet
214Kb / 12P
   Dual-Phase MOSFET Drivers DCR current sensing with Phase Extension
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3874 LINER-LTC3874_15 Datasheet
542Kb / 28P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3874-1 LINER-LTC3874-1 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com