Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3887 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3887
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3887 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3887 Datasheet HTML 3Page - Linear Technology LTC3887 Datasheet HTML 4Page - Linear Technology LTC3887 Datasheet HTML 5Page - Linear Technology LTC3887 Datasheet HTML 6Page - Linear Technology LTC3887 Datasheet HTML 7Page - Linear Technology LTC3887 Datasheet HTML 8Page - Linear Technology LTC3887 Datasheet HTML 9Page - Linear Technology LTC3887 Datasheet HTML 10Page - Linear Technology LTC3887 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC3870
7
3870fb
For more information www.linear.com/LTC3870
FAULT0/FAULT1 (Pin 26/Pin 25): Fault Input Pins. Con-
nect these pins to the master chip GPIO pins to respond
to fault signals from the master controller. If this pin is
low, both TG and BG pins are pulled down at the corre-
sponding channel. There is a 500k pull down resistor on
FAULT0/FAULT1 internally. These pins have to be driven
high externally for normal operation.
FREQ (Pin 27): Frequency Set Pin. There is a precision
10µA current flowing out of this pin. A resistor to ground
sets a voltage which in turn programs the frequency. This
pin FuncTions
pin sets the default switching frequency when there is no
external clock on the SYNC pin. Set the frequency close
to the external clock to help the internal PLL sync to the
SYNC pin clock quickly and smoothly. See the application
section for the detailed information.
SGND (Exposed Pad Pin 29): Signal Ground. All small-
signal and compensation components should connect to
this ground, which in turn connects to PGND at one point.
The exposed pad must be soldered to the PCB, providing
a local ground for the control components of the IC, and
be tied to PGND under the IC.


Similar Part No. - LTC3887

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3887 LINER-LTC3887 Datasheet
2Mb / 32P
   Total Power Management: Hot Swap, Intermediate Bus, Point-of-Load
logo
Analog Devices
LTC3887 AD-LTC3887 Datasheet
1Mb / 16P
   Dual SilentMOS Smart Power Stage in 5mm 횞 8mm LQFN
logo
Linear Technology
LTC3887 LINER-LTC3887 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Analog Devices
LTC3887 AD-LTC3887 Datasheet
1Mb / 26P
   Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
Rev. 0
logo
Linear Technology
LTC3887 LINER-LTC3887 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Similar Description - LTC3887

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
   PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
logo
Analog Devices
LTC7883 AD-LTC7883 Datasheet
1Mb / 26P
   Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
Rev. 0
logo
Linear Technology
LTC3884 LINER-LTC3884 Datasheet
3Mb / 128P
   Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
   Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
   Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com