Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3887 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3887
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3887 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3887 Datasheet HTML 2Page - Linear Technology LTC3887 Datasheet HTML 3Page - Linear Technology LTC3887 Datasheet HTML 4Page - Linear Technology LTC3887 Datasheet HTML 5Page - Linear Technology LTC3887 Datasheet HTML 6Page - Linear Technology LTC3887 Datasheet HTML 7Page - Linear Technology LTC3887 Datasheet HTML 8Page - Linear Technology LTC3887 Datasheet HTML 9Page - Linear Technology LTC3887 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC3870
6
3870fb
For more information www.linear.com/LTC3870
pin FuncTions
MODE0/MODE1 (Pin 1/Pin 8): DCM/CCM Mode Control
Pins. Channel0/Channel1 operates in forced continuous
mode if MODE0/MODE1 pin is logic high. There is a 500kΩ
pull down resistor on MODE0/MODE1 internally. The
default operation mode in each channel is discontinuous
mode operation unless these pins are actively driven high.
ISENSE0+/ISENSE1+(Pin2/Pin7):CurrentSenseComparator
positive inputs, normally connected to the positive node
of the DCR sensing networks or current sensing resistors.
ISENSE0−/ISENSE1−(Pin3/Pin6):CurrentSenseComparator
negative inputs, normally connected to the negative node
of the DCR sensing network or current sensing resistors.
RUN0/RUN1 (Pin 4/Pin 5): Enable RUN Input Pins. Logic
high on these pins enables the corresponding channel. In
multiphase operation, these pins are connected to master
RUN pins.
ITH0/ITH1 (Pin 28/Pin 9): Current Control Threshold. Each
associatedchannel’scurrentcomparatortrippingthreshold
increases with its ITH voltage. In multiphase operation,
these pins are connected to the master controller’s ITH
pins for current sharing.
ILIM (Pin 10): Program Current Comparators’ Sense
Voltage Range. This pin can be tied to SGND or INTVCC
to select the maximum current sense threshold for each
currentcomparator.SGNDsetsbothchannels’currentlow
range with maximum 50mV sensing voltage. INTVCC sets
both channels’ current high range with maximum 75mV
sensing voltage. For equal current sharing, the setup on
the ILIM pin has to be same as the setup on the bit 7 of
MFR_PWM_MODE_3880/3883/3886/3887registerinthe
master controller. See Table 2 in the Operation Section
for details.
SYNC (Pin 11): External Clock Synchronization Input. If an
externalclockispresentatthispin,theswitchingfrequency
will be synchronized to the falling edge of the external
clock. In multiphase operation, this pin is connected to
the master's SYNC pin for frequency synchronization. Do
not float the SYNC pin.
PHASMD (Pin 12): Phase Set Pin. This pin can be tied to
SGND, INTVCC or a resistor divider from INTVCC to SGND.
This pin determines the relative phases between the ext-
ernal clock on the SYNC pin and the internal controllers.
See Table 1 in the Operation Section for details.
TG0/TG1 (Pin 24/Pin 13): Top Gate Driver Outputs. These
are the outputs of floating drivers with a voltage swing
equaltoINTVCCsuperimposedontheswitchnodevoltages.
SW0/SW1 (Pin 23/Pin 14): Switch Node Connections to
Inductors. Voltage swings at the pins are from a Schottky
diode (external) voltage drop below ground to VIN.
BOOST0/BOOST1(Pin22/Pin15):BoostedFloatingDriver
Supplies.The(+)terminalofthebootstrapcapacitorscon-
nect to these pins. These pins swing from a diode voltage
drop below INTVCC up to VIN + INTVCC.
BG0/BG1 (Pin 21/Pin 16): Bottom Gate Driver Outputs.
These pins drive the gates of the bottom N-Channel MOS-
FETs between PGND and INTVCC.
INTVCC (Pin 17): Internal Regulator 5V Output. The
internal control circuits are powered from this voltage.
Bypass this pin to PGND with a minimum of 4.7µF low
ESR tantalum or ceramic capacitor. INTVCC is enabled as
soon as VIN is powered.
EXTVCC (Pin 18): External power input to an internal LDO
connected to INTVCC. This LDO supplies INTVCC power
bypassing the internal LDO powered from VIN whenever
EXTVCC is higher than 4.8V. See EXTVCC connection in the
Applications Information Section. Do not exceed 14V on
this pin. Bypass this pin to PGND with a minimum of 4.7µF
low ESR tantalum or ceramic capacitor. If the EXTVCC pin
is not used, leave it open or tie it to ground. EXTVCC can
be present before VIN. However, EXTVCC is enabled only
if VIN is higher than 6.5V.
PGND(Pin19):PowerGroundPin.Connectthispinclosely
to the sources of the bottom N-Channel MOSFETs and the
(–) terminals of CIN.
VIN (Pin 20): Main Input Supply. Bypass this pin to PGND
with a capacitor (0.1µF to 1µF).


Similar Part No. - LTC3887

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3887 LINER-LTC3887 Datasheet
2Mb / 32P
   Total Power Management: Hot Swap, Intermediate Bus, Point-of-Load
logo
Analog Devices
LTC3887 AD-LTC3887 Datasheet
1Mb / 16P
   Dual SilentMOS Smart Power Stage in 5mm 횞 8mm LQFN
logo
Linear Technology
LTC3887 LINER-LTC3887 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Analog Devices
LTC3887 AD-LTC3887 Datasheet
1Mb / 26P
   Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
Rev. 0
logo
Linear Technology
LTC3887 LINER-LTC3887 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Similar Description - LTC3887

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
   PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
logo
Analog Devices
LTC7883 AD-LTC7883 Datasheet
1Mb / 26P
   Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
Rev. 0
logo
Linear Technology
LTC3884 LINER-LTC3884 Datasheet
3Mb / 128P
   Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
   Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
   Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com