Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3772 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3772
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3772 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3772 Datasheet HTML 6Page - Linear Technology LTC3772 Datasheet HTML 7Page - Linear Technology LTC3772 Datasheet HTML 8Page - Linear Technology LTC3772 Datasheet HTML 9Page - Linear Technology LTC3772 Datasheet HTML 10Page - Linear Technology LTC3772 Datasheet HTML 11Page - Linear Technology LTC3772 Datasheet HTML 12Page - Linear Technology LTC3772 Datasheet HTML 13Page - Linear Technology LTC3772 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC3852
10
3852f
PIN FUNCTIONS
C(Pin 8): Flying Capacitor Negative Terminal.
SHDN (Pin 10): Active Low Shutdown Input. A low on
SHDN disables the charge pump. This pin must not be
allowed to float.
GND1 (Pin 11): Charge Pump Ground. The (–) terminals of
CIN and CVPUMP should be closely connected to this pin.
VIN1 (Pin 12): Input Supply Voltage to Charge Pump. VIN1
should be bypassed with a 1μF to 4.7μF low ESR ceramic
capacitor.
VPUMP (Pin 13): Regulated Output Voltage from Charge
Pump. For best performance, VPUMP should be bypassed
with a low ESR ceramic capacitor providing at least 2.2μF
of capacitance as close to the pin as possible.
INTVCC (Pin 14): Gate Drive Supply. The MOSFET drivers
and internal logic are powered from this voltage. Bypass
this pin to GND with a minimum 2.2μF low ESR tantalum
or ceramic capacitor, CINTVCC.
VIN2 (Pin 15): Main Supply Pin for Step-Down Controller.
A bypass capacitor should be tied between this pin and
the GND2 pin.
BOOST (Pin 16): Boosted Floating Driver Supply. The
(+) terminal of the booststrap capacitor is connected to
this pin. This pin swings from a diode voltage drop below
INTVCC up to VIN1 + INTVCC.
TG (Pin 17): Top Gate Driver Output. This is the output
of a floating driver with a voltage swing equal to INTVCC
superimposed on the switch node voltage.
SW (Pin 18): Switch Node Connection to the Inductor. Vol-
tage swing at this pin is from a diode (external) voltage drop
below ground to the buck regulator power stage VIN.
MODE/PLLIN (Pin 19): Forced Continuous Mode, Burst
Mode operation or Pulse-Skipping Mode Selection Pin
and External Synchronization Input to Phase Detector
Pin. Connect this pin to INTVCC to force continuous
conduction mode of operation. Connect to GND2 to enable
pulse-skipping mode of operation. To select Burst Mode
operation, tie this pin to INTVCC through a resistor no less
than 50k, but no greater than 250k. A clock on the pin
will force the controller into forced continuous mode of
operation and synchronize the internal oscillator.
FREQ/PLLFLTR (Pin 20): The phase-locked loop’s lowpass
filter is tied to this pin. Alternatively, a resistor can be
connected between this pin and GND2 to vary the frequency
of the internal oscillator.
RUN (Pin 21): Run Control Input. Forcing the pin below
1.25V shuts down the step-down controller. There is a
2μA pull-up current on this pin.
TRACK/SS (Pin 22): Output Voltage Tracking and Soft-Start
Input. A capacitor to ground at this pin sets the ramp rate
for the output voltage. An internal soft-start current of 1μA
charges this capacitor.
ITH (Pin 23): Error Amplifier Output and Switching
Regulator Compensation Point. The current comparator
input threshold increases with this control voltage.
VFB (Pin 24): Error Amplifier Feedback Input. This pin
receives the remotely sensed feedback voltage from an
external resistive divider across the output.
GND (Exposed Pad Pin 25): Ground. Must be soldered to
PCB, providing a local ground for the IC.


Similar Part No. - LTC3772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772BEDDB LINER-LTC3772BEDDB Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
More results

Similar Description - LTC3772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
   Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com