Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3736-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3736-2
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3736-2 Datasheet HTML 5Page - Linear Technology LTC3736-2 Datasheet HTML 6Page - Linear Technology LTC3736-2 Datasheet HTML 7Page - Linear Technology LTC3736-2 Datasheet HTML 8Page - Linear Technology LTC3736-2 Datasheet HTML 9Page - Linear Technology LTC3736-2 Datasheet HTML 10Page - Linear Technology LTC3736-2 Datasheet HTML 11Page - Linear Technology LTC3736-2 Datasheet HTML 12Page - Linear Technology LTC3736-2 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC3852
9
3852f
TYPICAL PERFORMANCE CHARACTERISTICS
Charge Pump Output Ripple
Charge Pump Load Transient
Response
1μs/DIV
VIN1 = 3.3V
IPUMP = 25mA
CVPUMP = 4.7μF
VPUMP
20mV/DIV
(AC-COUPLED)
3852 G38
10μs/DIV
VIN = 3.3V
IPUMP = 25mA TO 50mA STEP
IPUMP
50mA/DIV
VPUMP
50mV/DIV
(AC-COUPLED)
3852 G39
3852 G40
VIN1 (V)
1.8
2.8
3.8
4.8
5.5
5
4.5
4
3.5
3
125°C
85°C
25°C
–45°C
Charge Pump Line Regulation
with 25mA Load
PIN FUNCTIONS
SENSE(Pin 1): The (–) Input to the Current Sense
Comparators. Kelvin connect to VOUT at the current sense
resistor or, if DCR sensing is used, at the inductor.
SENSE+ (Pin 2):
Current Sense Comparator Noninverting
Input. The (+) input to the current comparator is normally
connected to the DCR sensing network or current sensing
resistor.
PGOOD (Pin 3): Power Good Indicator Output. Open drain
logic out that is pulled to ground when the output voltage
exceeds the ±10% regulation window, after the internal
17μs power bad mask timer expires.
GND2 (Pin 4): Buck Controller Ground. All small-signal
components and compensation components should be
Kelvin connected to this ground. The (–) terminal of CINTVCC
should be closely connected to this pin. The exposed pad
must be soldered to the PCB to provide electrical contact
for the IC and for optimum thermal performance.
BG (Pin 5): Bottom Gate Driver Output. This pin drives
the gate of the bottom N-channel MOSFET between GND
and INTVCC.
C+ (Pin 7):
Flying Capacitor Positive Terminal.
2.7
4.5
3.0
3.3
3.6
3.9
4.2
3852 G41
SUPPLY VOLTAGE (VIN1)
100
90
80
70
60
50
40
30
20
10
0
IPUMP = 1mA
THEORETICAL MAX
IPUMP = 10mA
IPUMP = 100mA
Efficiency vs Supply Voltage


Similar Part No. - LTC3736-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results

Similar Description - LTC3736-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
   Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com