Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9S3208V0A Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9S3208V0A
Description  4M x 8 bit SmartMedia Card
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9S3208V0A Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9S3208V0A Datasheet HTML 7Page - Samsung semiconductor K9S3208V0A Datasheet HTML 8Page - Samsung semiconductor K9S3208V0A Datasheet HTML 9Page - Samsung semiconductor K9S3208V0A Datasheet HTML 10Page - Samsung semiconductor K9S3208V0A Datasheet HTML 11Page - Samsung semiconductor K9S3208V0A Datasheet HTML 12Page - Samsung semiconductor K9S3208V0A Datasheet HTML 13Page - Samsung semiconductor K9S3208V0A Datasheet HTML 14Page - Samsung semiconductor K9S3208V0A Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
K9S3208V0A-SSB0
SmartMediaTM
11
Erase Flow Chart
Start
I/O 6 = 1 ?
I/O 0 = 0 ?
No
*
Write 60h
Write Block Address
Write D0h
Read Status Register
or R/B = 1 ?
Erase Error
Yes
No
: If erase operation results in an error, map out
the failing block and replace it with another block.
*
Erase Completed
Yes
Read Flow Chart
Start
Verify ECC
No
Write 00h
Write Address
Read Data
ECC Generation
Reclaim the Error
Page Read Completed
Yes
Block Replacement
Buffer
memory
error occurs
Block A
Block B
SmartMedia Technical Notes (Continued)
When the error happens with page "a" of Block "A", try
to write the data into another Block "B" from an exter-
nal buffer. Then, prevent further system access to
Block "A" (by creating a "invalid block" table or other
appropriate scheme.)
Page a


Similar Part No. - K9S3208V0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S1208V0 SAMSUNG-K9S1208V0 Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
K9S1208V0M/A-SSB0 SAMSUNG-K9S1208V0M/A-SSB0 Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
K9S2808V0B SAMSUNG-K9S2808V0B Datasheet
481Kb / 31P
   SmartMedia CARD
K9S2808V0C SAMSUNG-K9S2808V0C Datasheet
481Kb / 31P
   SmartMedia CARD
More results

Similar Description - K9S3208V0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S2808V0M SAMSUNG-K9S2808V0M Datasheet
351Kb / 26P
   16M x 8 Bit SmartMedia Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Winbond
W981208BH WINBOND-W981208BH Datasheet
1Mb / 41P
   4M x 4 BANKS x 8 BIT SDRAM
logo
Fujitsu Component Limit...
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
logo
Winbond
W981208AH WINBOND-W981208AH Datasheet
2Mb / 44P
   4M x 8 bit x 4 Banks SDRAM
logo
Fujitsu Component Limit...
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com