Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3857-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3857-1
Description  Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3857-1 Datasheet HTML 2Page - Linear Technology LTC3857-1 Datasheet HTML 3Page - Linear Technology LTC3857-1 Datasheet HTML 4Page - Linear Technology LTC3857-1 Datasheet HTML 5Page - Linear Technology LTC3857-1 Datasheet HTML 6Page - Linear Technology LTC3857-1 Datasheet HTML 7Page - Linear Technology LTC3857-1 Datasheet HTML 8Page - Linear Technology LTC3857-1 Datasheet HTML 9Page - Linear Technology LTC3857-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTC3807
6
3807fa
For more information www.linear.com/LTC3807
TYPICAL PERFORMANCE CHARACTERISTICS
IOUT (A)
0
70
100
1
0.1
0.01
0.001
0.0001
10
3807 G28
50
40
30
20
10
60
80
90
Burst Mode OPERATION
PULSE SKIP
Mode
FC Mode
VIN = 24V
VOUT = 12V
FIGURE 13 CIRCUIT
Efficiency vs Output Current
Load Step
Forced Continuous Mode
Start-Up
VIN = 12V
VOUT = 3.3V
ILOAD = 200µA
5µs/DIV
3807 G07
FORCED
CONTINUOUS
MODE
PULSE-SKIPPING
MODE
Burst Mode
OPERATION
1A/DIV
Inductor Current at Light Load
Soft Start-Up
Tracking Start-Up
FIGURES 12, 14 CIRCUITS
2ms/DIV
3807 G08
VOUT = 3.3V
2V/DIV
VOUT = 8.5V
2V/DIV
2ms/DIV
3807 G09
VOUT 2V/DIV
FIGURE 12, 14 CIRCUITS
TRACKING RESISTORS ADDED
TO FIGURE 12 CIRCUIT
MASTER
2V/DIV
Load Step
Burst Mode Operation
Load Step
Forced Continuous Mode
Load Step
Pulse-Skipping Mode
LOAD STEP = 100mA TO 3A
VIN = 12V
VOUT = 3.3V
FIGURE 12 CIRCUIT
50µs/DIV
3807 G04
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
LOAD STEP = 100mA TO 3A
VIN = 12V
VOUT = 3.3V
FIGURE 12 CIRCUIT
50µs/DIV
3807 G05
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
LOAD STEP = 300mA TO 7A
VIN = 24V
VOUT = 12V
FIGURE 13 CIRCUIT
100µs/DIV
3807 G29
VOUT
500mV/DIV
AC-
COUPLED
IL
5A/DIV
VIN = 24V
VOUT = 12V
FIGURE 13 CIRCUIT
2ms/DIV
3807 G30
VOUT
5V/DIV
RUN
5V/DIV
PGOOD
5V/DIV
LOAD STEP = 100mA TO 3A
VIN = 12V
VOUT = 3.3V
FIGURE 12 CIRCUIT
50µs/DIV
3807 G06
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV


Similar Part No. - LTC3857-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3857-1 LINER-LTC3857-1 Datasheet
520Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857-1 LINER-LTC3857-1 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3857-1 LINER-LTC3857-1 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3857-1 LINER-LTC3857-1 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3857-1 LINER-LTC3857-1 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3857-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3807 LINER-LTC3807_15 Datasheet
414Kb / 32P
   Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
logo
Analog Devices
LTC7819 AD-LTC7819 Datasheet
1Mb / 36P
   40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com