Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8609 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8609
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8609 Datasheet(HTML) 5 Page - Linear Technology

  LT8609 Datasheet HTML 1Page - Linear Technology LT8609 Datasheet HTML 2Page - Linear Technology LT8609 Datasheet HTML 3Page - Linear Technology LT8609 Datasheet HTML 4Page - Linear Technology LT8609 Datasheet HTML 5Page - Linear Technology LT8609 Datasheet HTML 6Page - Linear Technology LT8609 Datasheet HTML 7Page - Linear Technology LT8609 Datasheet HTML 8Page - Linear Technology LT8609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LT8603
5
8603f
For more information www.linear.com/LT8603
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8603E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8603I is guaranteed to meet performance specifications from –40°C
to 125°C junction temperature. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
above 125°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Channel 4
Feedback Voltage FB4
l
788
800
812
mV
FB4 Line Regulation
VIN = 3.2V to 42V
0.002
0.01
%/V
Input Current FB4
l
–100
100
nA
Soft-Start Time
1
ms
Current Comparator Limit Threshold
VISP4 to VISN4, VCM = 2V to 42V
l
43
50
57
mV
Current Comparator Input Common Mode Range
2
42
V
ISP4, ISN4 Input Currents, Sleep
VISP4 = VISN4 = 2V to 42V, FB4 = 1V, SYNC = 0V
200
nA
ISP4, ISN4 Input Currents, Active
VISP4 = VISN4 = 2V to 42V, FB4 = 0V, SYNC = 0V
34
44
μA
ISP4, ISN4 Input Currents
VISP4 = VISN4 = –42V
7
10
mA
GATE4 High Side PMOS On-Resistance
2.5
Ω
GATE4 Low Side NMOS On-Resistance
1.25
Ω
FB4 Power Good Threshold
Percentage of VFB4, VFB4 Falling
l
89
92
95
%
Power Good Threshold Hysteresis
0.2
%
PG4 Output Voltage Low
IPG4 = 350μA
l
0.13
0.3
V
PG4 Leakage Current
PG4 = 5V, FB4 = 0.8V
l
6
μA
Power-On Reset
POR Delay Time
CPOR = 1000pF
l
31
35.2
39.4
ms
RST Output Voltage Low
IRST = 100μA
l
0.1
0.2
V
RST Pull-Up Current
POR Timed Out, RST = 0V
20
μA
RST Leakage Current
POR Timed Out, RST = 6V
–100
100
nA
POREN Threshold
l
1.15
1.2
1.25
V
POREN Pull-Up Current
POREN = 0V
0.6
1.0
1.4
μA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, EN/UVLO = 3V unless otherwise noted. (Note 2)
Note 3: Current limit is assured by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycles.
Note 4: Measurement made using the circuit titled, “Details of Front Page
Application” in the Typical Applications section.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum junction temperature will
reduce lifetime.


Similar Part No. - LT8609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8609 LINER-LT8609 Datasheet
622Kb / 8P
   42V, 2A Micropower Synchronous Step-Down Regulator
logo
Analog Devices
LT8609 AD-LT8609 Datasheet
2Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
logo
Linear Technology
LT8609 LINER-LT8609 Datasheet
1Mb / 26P
   60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8609 AD-LT8609 Datasheet
3Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8609 AD-LT8609 Datasheet
2Mb / 30P
   Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
More results

Similar Description - LT8609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Analog Devices
LTC7811 AD-LTC7811 Datasheet
2Mb / 42P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
logo
Linear Technology
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
logo
Analog Devices
LT3120 AD-LT3120 Datasheet
2Mb / 36P
   26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
05/21 Rev. 0
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com