Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8612 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8612
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8612 Datasheet(HTML) 1 Page - Linear Technology

  LT8612 Datasheet HTML 1Page - Linear Technology LT8612 Datasheet HTML 2Page - Linear Technology LT8612 Datasheet HTML 3Page - Linear Technology LT8612 Datasheet HTML 4Page - Linear Technology LT8612 Datasheet HTML 5Page - Linear Technology LT8612 Datasheet HTML 6Page - Linear Technology LT8612 Datasheet HTML 7Page - Linear Technology LT8612 Datasheet HTML 8Page - Linear Technology LT8612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LT8603
1
8603f
For more information www.linear.com/LT8603
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V, Low IQ, Quad Output Triple Monolithic
Buck Converter and Boost Controller
The LT®8603 is a highly flexible, quad output regulator
combining two high input voltage capable monolithic
step-down switching regulators, one low input voltage
capable monolithic step-down regulator, and a boost
controller to satisfy a wide range of applications while
occupying minimal board space.
With the boost controller configured to supply the chip
VIN supply, the LT8603 produces three precisely regulated
outputs even when the boost input voltage falls signifi-
cantly below the regulated output voltages, such as dur-
ing an automotive cold crank scenario. Alternatively, with
the boost controller driven from one of the step-down
regulator outputs or configured as a SEPIC, the LT8603
provides four precisely regulated outputs over a wide
input voltage range.
The LT8603 provides robust regulation by including a
cycle-by-cycle current limit for all step-down regulators,
thermal shutdown, and a boost controller that can tolerate
reverse battery connections and negative transient input
voltages down to –42V.
Cold Crank Tolerant Automotive Triple Output Supply
APPLICATIONS
n
Flexible Power Supply System Capable of Four
Regulated Outputs with VBATT << VOUT
n
Two High Voltage Synchronous Buck Regulators
n
3V to 42V Input Voltage Range
n
Output Currents Up to 2.5A and 1.5A
n
One Low Voltage Synchronous Buck Regulator
n
2.6V to 5.5V Input Voltage Range
n
Output Currents Up to 1.8A
n
One Boost Controller Allows Buck Converters to
Regulate with VBATT << VOUT
n
Selectable Burst Mode® Operation Allows Low
28µA IQ with High Voltage Channels Active
n
Programmable Power-On Reset
n
Individual Channel Power Good Indicators
n
Step-Down Switching Frequency: 250kHz to 2.2MHz
n
Available in 40-Lead QFN (6mm × 6mm) Package
n
Automotive Stop-Start and Cold Crank Ride Through
n
Last-Gasp CPU Power Hold-Up
n
Industrial Controls and Power Supplies
All registered trademarks and trademarks are the property of their respective owners.
LT8603 Response to a Cold Crank
Automotive Input Waveform
8603 TA01a
OUT4
8V FOR
2V < VBATT < 8.5V
GND
POREN
POREN
VBATT
2V TO 42V
(BOOST
START-UP
ABOVE 4.3V)
LT8603
FB4
GATE4
ISN4
PG1-4
BIAS
RST
PG1-4
OUT2
RESET
ISP4
PVIN1
VIN
EN/UVLO
PVIN2
BST2
OUT3
1.2V, 1.8A
SW3
FB3
OUT2
3.3V,
2.5A – IPVIN3
SW2
FB2
PVIN3
BST1
OUT1
5V, 1.5A
SW1
FB1
TRKSS1-2
CPOR
RT
SYNC
FSEL4B
FSEL4A
INTVCC
INTVCC4
RUN3
2
4
TIME (10ms/DIV)
VOLTAGE
2V/DIV
0V
8603 TA01b
VBATT
VOUT4
VOUT1
VOUT2
VOUT3


Similar Part No. - LT8612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
   42V, 6A Micropower Synchronous Step-Down Regulator
LT8612 LINER-LT8612 Datasheet
1Mb / 26P
   60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8612 AD-LT8612 Datasheet
2Mb / 30P
   Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8612 AD-LT8612 Datasheet
2Mb / 20P
   High Efficiency 42V/120mA Synchronous Buck
LT8612 AD-LT8612 Datasheet
2Mb / 32P
   42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
More results

Similar Description - LT8612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Analog Devices
LTC7811 AD-LTC7811 Datasheet
2Mb / 42P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
logo
Linear Technology
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
logo
Analog Devices
LT3120 AD-LT3120 Datasheet
2Mb / 36P
   26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
05/21 Rev. 0
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com