Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F1616U6C Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6F1616U6C
Description  16Mb(1M x 16 bit) Low Power SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F1616U6C Datasheet(HTML) 4 Page - Samsung semiconductor

  K6F1616U6C Datasheet HTML 1Page - Samsung semiconductor K6F1616U6C Datasheet HTML 2Page - Samsung semiconductor K6F1616U6C Datasheet HTML 3Page - Samsung semiconductor K6F1616U6C Datasheet HTML 4Page - Samsung semiconductor K6F1616U6C Datasheet HTML 5Page - Samsung semiconductor K6F1616U6C Datasheet HTML 6Page - Samsung semiconductor K6F1616U6C Datasheet HTML 7Page - Samsung semiconductor K6F1616U6C Datasheet HTML 8Page - Samsung semiconductor K6F1616U6C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
K6F1616U6C Family
Revision 2.0
May 2005
4
CMOS SRAM
PRODUCT LIST
1. LF : Lead Free Product
Industrial Temperature Products(-40~85
°C)
Part Name
Function
K6F1616U6C-FF55
K6F1616U6C-XF55
K6F1616U6C-FF70
K6F1616U6C-XF70
48-FBGA, 55ns, 3.0V
48-FBGA, 55ns, 3.0V, LF1)
48-FBGA, 70ns, 3.0V
48-FBGA, 70ns, 3.0V, LF1)
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Voltage on any pin relative to Vss
VIN,VOUT
-0.2 to VCC+0.3V(Max. 3.6V)
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 3.6
V
Power Dissipation
PD
1.0
W
Storage temperature
TSTG
-65 to 150
°C
Operating Temperature
TA
-40 to 85
°C
FUNCTIONAL DESCRIPTION
1. X means don
′t care. (Must be low or high state)
CS1
CS2
OE
WE
LB
UB
I/O1~8
I/O9~16
Mode
Power
H
X1)
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
L
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
X1)
X1)
X1)
H
H
High-Z
High-Z
Deselected
Standby
LH
H
H
L
X1)
High-Z
High-Z
Output Disabled
Active
LH
H
H
X1)
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Dout
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Dout
Upper Byte Read
Active
L
H
L
H
L
L
Dout
Dout
Word Read
Active
LH
X1)
L
L
H
Din
High-Z
Lower Byte Write
Active
LH
X1)
L
H
L
High-Z
Din
Upper Byte Write
Active
LH
X1)
L
L
L
Din
Din
Word Write
Active


Similar Part No. - K6F1616U6C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1616U6A SAMSUNG-K6F1616U6A Datasheet
160Kb / 9P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616U6A-EF55 SAMSUNG-K6F1616U6A-EF55 Datasheet
160Kb / 9P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616U6A-EF70 SAMSUNG-K6F1616U6A-EF70 Datasheet
160Kb / 9P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616U6A-F SAMSUNG-K6F1616U6A-F Datasheet
160Kb / 9P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616U6M SAMSUNG-K6F1616U6M Datasheet
176Kb / 9P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F1616U6C

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1611 BSI-BS616LV1611_08 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610 BSI-BS616UV1610 Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
logo
Hynix Semiconductor
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com