Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8390A Datasheet(PDF) 5 Page - Linear Technology

Part # LT8390A
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8390A Datasheet(HTML) 5 Page - Linear Technology

  LT8390A Datasheet HTML 1Page - Linear Technology LT8390A Datasheet HTML 2Page - Linear Technology LT8390A Datasheet HTML 3Page - Linear Technology LT8390A Datasheet HTML 4Page - Linear Technology LT8390A Datasheet HTML 5Page - Linear Technology LT8390A Datasheet HTML 6Page - Linear Technology LT8390A Datasheet HTML 7Page - Linear Technology LT8390A Datasheet HTML 8Page - Linear Technology LT8390A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT8390
5
8390fa
For more information www.linear.com/LT8390
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SS Fault Latch-Off Threshold
1.7
V
SS Fault Reset Threshold
0.2
V
Oscillator
RT Pin Voltage
RT = 100kΩ
1.00
V
Switching Frequency
VSYNC/SPRD = 0V, RT = 226kΩ
VSYNC/SPRD = 0V, RT = 100kΩ
VSYNC/SPRD = 0V, RT = 59.0kΩ
l
l
l
190
380
570
200
400
600
210
420
630
kHz
kHz
kHz
SYNC Frequency
150
650
kHz
SYNC/SPRD Input Bias Current
VSYNC/SPRD = 5V
–0.1
0
0.1
µA
SYNC/SPRD Threshold Voltage
0.4
1.5
V
Highest Spread Spectrum Above Oscillator Frequency
VSYNC/SPRD = 5V
12.5
14.5
16.5
%
Lowest Spread Spectrum Below Oscillator Frequency
VSYNC/SPRD = 5V
–17.7
–15.7
–13.7
%
Region Transition
Buck-Boost to Boost (VIN/VOUT)
0.73
0.75
0.77
Boost to Buck-Boost (VIN/VOUT)
0.83
0.85
0.87
Buck to Buck-Boost (VIN/VOUT)
1.16
1.18
1.20
Buck-Boost to Buck (VIN/VOUT)
1.31
1.33
1.35
Peak-Buck to Peak-Boost (VIN/VOUT)
0.96
0.98
1.00
Peak-Boost to Peak-Buck (VIN/VOUT)
1.00
1.02
1.04
NMOS Drivers
TG1, TG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
V(BST-SW) = 5V
2.6
1.4
Ω
Ω
BG1, BG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
VINTVCC = 5V
3.2
1.2
Ω
Ω
TG1, TG2 Rise Time
TG1, TG2 Fall Time
CL = 3.3nF, 10% to 90%
CL = 3.3nF, 90% to 10%
25
20
ns
ns
BG1, BG2 Rise Time
BG1, BG2 Fall Time
CL = 3.3nF, 10% to 90%
CL = 3.3nF, 90% to 10%
25
20
ns
ns
TG Off to BG On Delay
CL = 3.3nF
60
ns
BG Off to TG On Delay
CL = 3.3nF
60
ns
TG1 Minimum Duty Cycle in Buck Region
Peak-Buck Current Mode
10
%
TG1 Maximum Duty Cycle in Buck Region
Peak-Buck Current Mode
95
%
TG1 Fixed Duty Cycle in Buck-Boost Region
Peak-Boost Current Mode
85
%
BG2 Fixed Duty Cycle in Buck-Boost Region
Peak-Buck Current Mode
15
%
BG2 Minimum Duty Cycle in Boost Region
Peak-Boost Current Mode
10
%
BG2 Maximum Duty Cycle in Boost Region
Peak-Boost Current Mode
95
%
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8390E is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT8390I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LT8390H is guaranteed over the –40°C to 150°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
greater than 125°C.
Note 3: The LT8390 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability.


Similar Part No. - LT8390A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
   60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT8390A AD-LT8390A Datasheet
2Mb / 32P
   60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
LT8390A AD-LT8390A Datasheet
2Mb / 36P
   26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
05/21 Rev. 0
LT8390A AD-LT8390A Datasheet
2Mb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. 0
LT8390A AD-LT8390A Datasheet
1Mb / 24P
   40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
More results

Similar Description - LT8390A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8392 AD-LT8392 Datasheet
2Mb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. 0
logo
Linear Technology
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
   60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
   60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
logo
Analog Devices
DC2431A AD-DC2431A Datasheet
661Kb / 8P
   High Power Synchronous 4-Switch Buck- Boost Regulator with Spread Spectrum
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
   60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
logo
Linear Technology
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
   60V 4-Switch Synchronous Buck-Boost LED Driver Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com