Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4T56043QF Datasheet(PDF) 24 Page - Samsung semiconductor

Part # K4T56043QF
Description  256Mb F-die DDR2 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T56043QF Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button K4T56043QF Datasheet HTML 19Page - Samsung semiconductor K4T56043QF Datasheet HTML 20Page - Samsung semiconductor K4T56043QF Datasheet HTML 21Page - Samsung semiconductor K4T56043QF Datasheet HTML 22Page - Samsung semiconductor K4T56043QF Datasheet HTML 23Page - Samsung semiconductor K4T56043QF Datasheet HTML 24Page - Samsung semiconductor K4T56043QF Datasheet HTML 25Page - Samsung semiconductor K4T56043QF Datasheet HTML 26Page - Samsung semiconductor K4T56043QF Datasheet HTML 27Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Page 24 of 27
256Mb F-die DDR2 SDRAM
Rev. 1.5 Feb. 2005
DDR2 SDRAM
For all input signals the total tIS (setup time) and tIH (hold time) required is calculated by adding the
datasheet tIS(base) and tIH(base) value to the delta tIS and delta tIH derating value respectively. Example:
tIS (total setup time) = tIS(base) + delta tIS
19. The maximum limit for this parameter is not a device limit. The device will operate with a greater value for
this parameter, but system performance (bus turnaround) will degrade accordingly.
20. MIN ( tCL, tCH) refers to the smaller of the actual clock low time and the actual clock high time as pro-
vided to the device (i.e. this value can be greater than the minimum specification limits for tCL and tCH). For
example, tCL and tCH are = 50% of the period, less the half period jitter ( tJIT(HP)) of the clock source, and
less the half period jitter due to crosstalk ( tJIT(crosstalk)) into the clock traces.
21. tQH = tHP – tQHS, where:
tHP = minimum half clock period for any given cycle and is defined by clock high or clock low ( tCH, tCL).
tQHS accounts for:
1) The pulse duration distortion of on-chip clock circuits; and
2) The worst case push-out of DQS on one transition followed by the worst case pull-in of DQ on the
next transition, both of which are, separately, due to data pin skew and output pattern effects, and p-
channel to n-channel variation of the output drivers.
22. tDQSQ: Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the
output drivers as well as output slew rate mismatch between DQS / DQS and associated DQ in any given
cycle.
23. DAL = WR + RU{tRP(ns)/tCK(ns)}, where RU stands for round up.
WR refers to the tWR parameter stored in the MRS. For tRP, if the result of the division is not already an inte-
ger, round up to the next highest integer. tCK refers to the application clock period.
Example: For DDR533 at tCK = 3.75ns with tWR programmed to 4 clocks.
tDAL = 4 + (15 ns / 3.75 ns) clocks = 4 + (4) clocks = 8 clocks.
24. The clock frequency is allowed to change during self–refresh mode or precharge power-down mode. In
case of clock frequency change during precharge power-down, a specific procedure is required as described
in DDR2 device operation
25. ODT turn on time min is when the device leaves high impedance and ODT resistance begins to turn on.
ODT turn on time max is when the ODT resistance is fully on. Both are measured from tAOND.
26. ODT turn off time min is when the device starts to turn off ODT resistance.
ODT turn off time max is when the bus is in high impedance. Both are measured from tAOFD.
27. tHZ and tLZ transitions occur in the same access time as valid data transitions. These parameters are ref-
erenced to a specific voltage level which specifies when the device output is no longer driving (tHZ), or begins
driving (tLZ). Following figure shows a method to calculate the point when device is no longer driving (tHZ), or
begins driving (tLZ) by measuring the signal at two different voltages. The actual voltage measurement points
are not critical as long as the calculation is consistent.
28. tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when
the device output is no longer driving (tRPST), or begins driving (tRPRE). Following figure shows a method to
calculate these points when the device is no longer driving (tRPST), or begins driving (tRPRE) by measuring
the signal at two different voltages. The actual voltage measurement points are not critical as long as the cal-


Similar Part No. - K4T56043QF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T56163QI SAMSUNG-K4T56163QI Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4T56163QI SAMSUNG-K4T56163QI Datasheet
542Kb / 15P
   Consumer Memory
K4T56163QI-ZCLCC SAMSUNG-K4T56163QI-ZCLCC Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4T56163QI-ZCLD5 SAMSUNG-K4T56163QI-ZCLD5 Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4T56163QI-ZCLE6 SAMSUNG-K4T56163QI-ZCLE6 Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
More results

Similar Description - K4T56043QF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T56163QI SAMSUNG-K4T56163QI Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4T1G044QF SAMSUNG-K4T1G044QF Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G084QF-BCE6000 SAMSUNG-K4T1G084QF-BCE6000 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
logo
Hynix Semiconductor
HY5PS561621BLFPE3 HYNIX-HY5PS561621BLFPE3 Datasheet
827Kb / 34P
   256Mb DDR2 SDRAM
logo
Samsung semiconductor
K4H560838F-UC SAMSUNG-K4H560838F-UC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
logo
Hynix Semiconductor
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
H5PS2562GFR HYNIX-H5PS2562GFR Datasheet
1Mb / 61P
   256Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com