Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK34B Datasheet(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # SK34B
Description  Surface Mount Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

SK34B Datasheet(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  SK34B Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. SK34B Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd. SK34B Datasheet HTML 3Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
PART NO.
SK36B
SK36B
SK36B
(TA=25℃ unless otherwise noted)
RATINGS AND CHARACTERISTICS CURVES
SK36B R5G
R5
G
Green compound
SK36BHR5
H
R5
AEC-Q101 qualified
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SK36B R5
R5
3,000 / 13" Paper reel
M4
SMB
3,000 / 13" Plastic reel
Note 1: "xx" defines voltage from 20V (SK32B) to 200V (SK320B)
EXAMPLE
PACKING
SK3xxB
(Note 1)
Prefix "H"
R5
Suffix "G"
SMB
850 / 7" Plastic reel
R4
SMB
SK32B thru SK320B
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
0
0.5
1
1.5
2
2.5
3
3.5
50
60
70
80
90
100 110 120 130 140 150
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
SK35B-SK320B
SK32B-SK34B
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=125℃
SK32B-SK34B
SK35B-SK320B
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
SK32B-SK34B
SK35B-SK36B
SK39B-SK320B
TJ=25℃
TJ=125℃


Similar Part No. - SK34B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK34B MCC-SK34B Datasheet
622Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK34B MCC-SK34B Datasheet
309Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
SMC Diode Solutions Co....
SK34B SMCDIODE-SK34B Datasheet
218Kb / 4P
   SK34B SCHOTTKY RECTIFIER
Rev. A
logo
Taiwan Semiconductor Co...
SK34B TSC-SK34B Datasheet
56Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SK34B MCC-SK34B Datasheet
309Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK34B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com