Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK36B Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # SK36B
Description  Surface Mount Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

SK36B Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  SK36B Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. SK36B Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd. SK36B Datasheet HTML 3Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
20
30
40
50
60
90
100
150
200
V
VRMS
14
21
28
35
42
63
70
105
140
V
VDC
20
30
40
50
60
90
100
150
200
V
IF(AV)
A
dV/dt
V/μs
TJ
OC
TSTG
OC
SK
35B
Note 1: Pulse test with PW=300μs, 1% duty cycle
- 55 to +150
SK
320B
3
70
0.95
SK
39B
SK
36B
SK
315B
RθJL
RθJA
23
63
OC/W
- 55 to +150
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Operating junction temperature range
Polarity:
Indicated by cathode band
Weight:
0.1 g (approximately)
SK32B thru SK320B
Surface Mount Schottky Barrier Rectifier
MECHANICAL DATA
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
FEATURES
DO-214AA (SMB)
Case:
DO-214AA (SMB)
Maximum average forward rectified current
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
SK
33B
SK
34B
SK
32B
PARAMETER
SYMBOL
Unit
SK
310B
Storage temperature range
mA
-
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100℃
TJ=125 ℃
10
5
-
Typical thermal resistance
IR
0.5
0.1
-
2
0.5
0.75
0.85
Voltage Rate of Change (Rated VR)
10000
V
A
- 55 to +125
- Moisture sensitivity level: level 1, per J-STD-020
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
Maximum instantaneous forward voltage (Note 1)
@ 3 A
VF


Similar Part No. - SK36B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK36B MCC-SK36B Datasheet
622Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK36B MCC-SK36B Datasheet
309Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Taiwan Semiconductor Co...
SK36B TSC-SK36B Datasheet
56Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SK36B MCC-SK36B Datasheet
309Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SK36B TSC-SK36B Datasheet
258Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK36B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com