Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP350PS28 Datasheet(PDF) 5 Page - XP Power Limited

Part # SMP350PS28
Description  AC-DC Power Supplies 350 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMP350PS28 Datasheet(HTML) 5 Page - XP Power Limited

  SMP350PS28 Datasheet HTML 1Page - XP Power Limited SMP350PS28 Datasheet HTML 2Page - XP Power Limited SMP350PS28 Datasheet HTML 3Page - XP Power Limited SMP350PS28 Datasheet HTML 4Page - XP Power Limited SMP350PS28 Datasheet HTML 5Page - XP Power Limited SMP350PS28 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMP350 Series
www.xppower.com
AC-DC Power Supplies
5
Safety Approvals
EMC: Immunity
EMC: Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55011/32
Class B
Radiated
EN55011/32
Class A
Harmonic Fluctuations
EN61000-3-3
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1:2005 Ed 2
Information Technology
IEC62368-1 Ed 2
Information Technology
IEC60601-1 Ed 3 Including Risk Management
Medical
UL
UL62368-1, CSA C22.2 No. 62368-1
Information Technology
ANSI/AAMI ES60601-1:2005 & CSA C22.2, No.60601-1:08
Medical
TUV
EN62368-1
Information Technology
EN60601-1/2006
Medical
CE
LVD & RoHS
Equipment Protection Class
Class I
See safety agency conditions of acceptibility for details
Means of Protection
Category
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection)
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Low Voltage PSU EMC
EN61204-3
High severity level
as below
Harmonic Current
EN61000-3-3
Class A
All models
Class C
> 125 W
Radiated
EN61000-4-3
3A
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Dips and Interruptions
EN61000-4-11
(100 VAC)
Dip 100% (0 VAC), 8.4ms
A
Dip 100% (0 VAC), 16.7ms
B
Dip 60% (40 VAC), 200ms
B
Dip 30% (70 VAC), 500ms
B
Dip 20% (80 VAC), 5000ms
B
Int 100% (0 VAC), 5000ms
B
EN61000-4-11
(240 VAC)
Dip 100% (0 VAC), 10ms
A
Dip 100% (0 VAC), 20ms
B
Dip 60% (96 VAC), 200ms
B
Dip 30% (168 VAC), 500ms
B
Dip 20% (192 VAC), 5000ms
B
Int 100% (0 VAC), 5000ms
B
EN60601-1-2
(100 VAC)
Dip 100% (0 VAC), 10ms
A
Dip 60% (40 VAC), 100ms
A
Derate Power to 150 W
Dip 30% (70 VAC), 500ms
A
Int 100% (0 VAC), 5000ms
B
EN60601-1-2
(240 VAC)
Dip 100% (0 VAC), 10ms
A
Dip 60% (96 VAC), 100ms
A
Dip 30% (168 VAC), 500ms
A
Int 100% (0 VAC), 5000ms
B
SEMI F47 (100 VAC)
Dip 33% (70 VAC), 500ms
A


Similar Part No. - SMP350PS28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
logo
Vishay Siliconix
SMP30 VISHAY-SMP30 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP30 VISHAY-SMP30 Datasheet
95Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
SMP30 VISHAY-SMP30 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 19-Apr-11
logo
STMicroelectronics
SMP30-100 STMICROELECTRONICS-SMP30-100 Datasheet
59Kb / 6P
   TRISILTM
January 2000 - Ed: 5B
More results

Similar Description - SMP350PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GCS XPPOWER-GCS Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
logo
Sparkle Power Inc.
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
   350 Watts MEDICAL POWER SUPPLIES
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
   AC-DC Power Supplies 500 Watts
VCE03 XPPOWER-VCE03_18 Datasheet
602Kb / 4P
   AC-DC Power Supplies 3 Watts
logo
Power Systems GmbH+Co.K...
VEG120A-190X POWER-SYSTEMS-VEG120A-190X Datasheet
362Kb / 2P
   AC-DC Power Supplies 120 WATTS
logo
XP Power Limited
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
   AC-DC Power Supplies 10 Watts
VCE05 XPPOWER-VCE05_17 Datasheet
572Kb / 4P
   AC-DC Power Supplies 5 Watts
logo
Integrated Power Design...
NXT-325 IPDPOWER-NXT-325 Datasheet
430Kb / 2P
   350 WATTS SINGLE OUTPUT AC-DC
logo
Power Systems GmbH+Co.K...
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
   AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com