Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RDH30072WS48 Datasheet(PDF) 6 Page - XP Power Limited

Part No. RDH30072WS48
Description  DC-DC Converter 300 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDH30072WS48 Datasheet(HTML) 6 Page - XP Power Limited

  RDH30072WS48 Datasheet HTML 1Page - XP Power Limited RDH30072WS48 Datasheet HTML 2Page - XP Power Limited RDH30072WS48 Datasheet HTML 3Page - XP Power Limited RDH30072WS48 Datasheet HTML 4Page - XP Power Limited RDH30072WS48 Datasheet HTML 5Page - XP Power Limited RDH30072WS48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RDH300 Series
www.xppower.com
DC-DC Converter
RDH30072WS05
RDH30072WS12
RDH30072WS24
RDH30072WS28
RDH30072WS48
C1, C2
1uF/250V X7R
1812
1uF/250V X7R
1812
1uF/250V X7R
1812
1uF/250V X7R
1812
1uF/250V X7R
1812
C3
220 µF/200 V
Aluminum cap.
YXF series
220 µF/200 V
Aluminum cap.
YXF series
220 µF/200 V
Aluminum cap.
YXF series
220 µF/200 V
Aluminum cap.
YXF series
220 µF/200 V
Aluminum cap.
YXF series
C4
47 µF/20 V
Polymer tantalum cap.
10 µF/50 V X57R
1210
10 µF/50 V X57R
1210
10 µF/50 V X57R
1210
22 µF/100 V
Aluminum solid cap.
C5
1 µF/100 V X7R
1206
1 µF/100 V X7R
1206
1 µF/100 V X7R
1206
1 µF/100 V X7R
1206
1 µF/100 V X7R
1206
C6
CY1
NC
NC
1000 pF/Y2
NC
NC
CY3
220 pF/Y2
220 pF/Y2
220 pF/Y2
220 pF/Y2
220 pF/Y2
CY4
4700 pF/Y2
4700 pF/Y2
4700 pF/Y2
4700 pF/Y2
4700 pF/Y2
CY5
2200 pF/Y2
2200 pF/Y2
2200 pF/Y2
2200 pF/Y2
2200 pF/Y2
CY6
1000 pF/Y2
1000 pF/Y2
1000 pF/Y2
1000 pF/Y2
1000 pF/Y2
CY11
10000 pF/Y2
10000 pF/Y2
10000 pF/Y2
10000 pF/Y2
10000 pF/Y2
CY12
D101
1.5 KE 180 A
1.5 KE 180 A
1.5 KE 180 A
1.5 KE 180 A
1.5 KE 180 A
L1, L2
ACME
A10 T25*15*15C
3.5mH,
ø1.0mm*1/16T
ACME
A10 T25*15*15C
3.5mH,
ø1.0mm*1/16T
ACME
A10 T25*15*15C
3.5mH,
ø1.0mm*1/16T
ACME
A10 T25*15*15C
3.5mH,
ø1.0mm*1/16T
ACME
A10 T25*15*15C
3.5mH,
ø1.0mm*1/16T
L3
FERROXCUBE
T29/19/15-3E6
0.17mH,
ø1.0mm*4/4T
VAKOS
R10K T22*16*6.5C
0.28mH,
ø1.0mm*2/7T
VAKOS
R12K T18*12*6C
0.28mH,
ø1.0mm*1/7T
VAKOS
R12K T18*12*6C
0.28mH,
ø1.0mm*1/7T
VAKOS
R12K T18*12*6C
0.28mH,
ø1.0mm*1/7T
25 Jan 18
Application Notes
+Vo
-Vo
-Vin
PE
+Vin
L1
L2
D101
C1
C3
C2
CY1
CY5
CY6
C4
CY3
CY4
RDH300
CASE
+Vin
+S
-S
-Vin
+Vout
-Vout
C5
C6
CY11
CY12
L3
EMC Filter - Emissions and Immunity
C3 is RUBYCON YXF series aluminium capacitors or equivalent, CYxx is MURATA Y2 capacitor or equivalent.
Notes


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn