Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RDH30072WS48 Datasheet(PDF) 3 Page - XP Power Limited

Part No. RDH30072WS48
Description  DC-DC Converter 300 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDH30072WS48 Datasheet(HTML) 3 Page - XP Power Limited

  RDH30072WS48 Datasheet HTML 1Page - XP Power Limited RDH30072WS48 Datasheet HTML 2Page - XP Power Limited RDH30072WS48 Datasheet HTML 3Page - XP Power Limited RDH30072WS48 Datasheet HTML 4Page - XP Power Limited RDH30072WS48 Datasheet HTML 5Page - XP Power Limited RDH30072WS48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RDH300 Series
www.xppower.com
DC-DC Converter
3
Mechanical Details
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Railway Equipment
EN50121-3-2
See Application Notes
ESD Immunity
EN61000-4-2
±6 kV/±8 kV
A
Contact Discharge/Air Discharge
Radiated Immunity
EN61000-4-3
20 V/m
A
EFT/Burst
EN61000-4-4
2 kV
A
External capacitor required such as
Rubycon 4XF Series, 220 µF/200V
Surge
EN61000-4-5
±4 kV/±2 kV
A
L-E/L-L, External TVS, 1.5 KE 180 A Littlefuse
Conducted Immunity
EN61000-4-6
10 V rms
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN50121-3-2
See Application Notes
Radiated
EN50121-3-2
See Application Notes
Safety Approvals
Agency
Standard
Test Level
Notes & Conditions
UL
cUL60950-1
ITE
EN
EN50155
Railway
1. All dimensions are in inches (mm)
2. Weight: 0.25 lbs (114 g) approx.
3. Tolerance: x.xx = ±0.02 (x.x = ±0.5)
x.xxx = ±0.01 (x.xx = ±0.25)
Notes
BOTTOM VIEW
0.126 (3.2) clearance 4pl.
Mounting holes
2
3
4
5
1
6
7
9
8
1.90
(48.3)
(12.7)
2.28
(57.9)
0.50
(4.6)
0.18 min
Pin Connections
Pin
Single
1
+Vin
2
Remote On/Off
3
No Pin
4
-Vin
5
-Vout
6
-Sense
7
Trim
8
+Sense
9
+Vout


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn