Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J1511AP24VAC.9DGT Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # J1511AP24VAC.9DGT
Description  Switching capacity up to 20A; small size and light weight
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1511AP24VAC.9DGT Datasheet(HTML) 3 Page - CIT Relay & Switch

  J1511AP24VAC.9DGT Datasheet HTML 1Page - CIT Relay & Switch J1511AP24VAC.9DGT Datasheet HTML 2Page - CIT Relay & Switch J1511AP24VAC.9DGT Datasheet HTML 3Page - CIT Relay & Switch J1511AP24VAC.9DGT Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 3
J151
Dimensions
Units = mm
1 & 2 Pole
1 & 2 Pole with Flange
3 Pole
3 Pole with Flange
4 Pole
4 Pole with Flange
Flange Mount Layouts


Similar Part No. - J1511AP24VAC.9DGT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J1511AP24VDC CIT-J1511AP24VDC Datasheet
361Kb / 4P
   CIT SWITCH
More results

Similar Description - J1511AP24VAC.9DGT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
   Switching capacity up to 20A Small size and light weight
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F Datasheet
291Kb / 2P
   Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com