Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16100S-50K Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IS41LV16100S-50K
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41LV16100S-50K Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IS41LV16100S-50K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41LV16100S-50K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41LV16100S-50K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41LV16100S-50K Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41LV16100S-50K Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41LV16100S-50K Datasheet HTML 10Page - Integrated Circuit Solution Inc IS41LV16100S-50K Datasheet HTML 11Page - Integrated Circuit Solution Inc IS41LV16100S-50K Datasheet HTML 12Page - Integrated Circuit Solution Inc IS41LV16100S-50K Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IS41C16100S
IS41LV16100S
Integrated Circuit Solution Inc.
9
DR004-0B
Notes:
1.
An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycle (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the t
REF
refresh requirement is exceeded.
2.
VIH (MIN) and VIL (MAX) are reference levels for measuring timing of input signals. Transition times, are measured between VIH
and VIL (or between VIL and VIH) and assume to be 1 ns for all inputs.
3.
In addition to meeting the transition rate specification, all input signals must transit between VIH and VIL (or between VIL and VIH)
in a monotonic manner.
4.
If
CAS and RAS = V
IH
, data output is High-Z.
5.
If
CAS = V
IL
, data output may contain data from the last valid READ cycle.
6.
Measured with a load equivalent to one TTL gate and 50 pF.
7.
Assumes that tRCD < tRCD (MAX). If tRCD is greater than the maximum recommended value shown in this table, tRAC will increase
by the amount that tRCD exceeds the value shown.
8.
Assumes that tRCD > tRCD (MAX).
9.
If
CAS is LOW at the falling edge of RAS, data out will be maintained from the previous cycle. To initiate a new cycle and clear the
data output buffer,
CAS and RAS must be pulsed for t
CP
.
10. Operation with the tRCD (MAX) limit ensures that tRAC (MAX) can be met. tRCD (MAX) is specified as a reference point only; if tRCD
is greater than the specified tRCD (MAX) limit, access time is controlled exclusively by tCAC.
11. Operation within the tRAD (MAX) limit ensures that tRCD (MAX) can be met. tRAD (MAX) is specified as a reference point only; if tRAD
is greater than the specified tRAD (MAX) limit, access time is controlled exclusively by tAA.
12. Either tRCH or tRRH must be satisfied for a READ cycle.
13. tOFF (MAX) defines the time at which the output achieves the open circuit condition; it is
not a reference to VOH or VOL.
14. tWCS, tRWD, tAWD and tCWD are restrictive operating parameters in LATE WRITE and READ-MODIFY-WRITE cycle only. If tWCS > tWCS
(MIN), the cycle is an EARLY WRITE cycle and the data output will remain open circuit throughout the entire cycle. If tRWD > tRWD
(MIN), tAWD > tAWD (MIN) and tCWD > tCWD (MIN), the cycle is a READ-WRITE cycle and the data output will contain data read from
the selected cell. If neither of the above conditions is met, the state of I/O (at access time and until
CAS and RAS or OE go back
to VIH) is indeterminate.
OE held HIGH and WE taken LOW after CAS goes LOW result in a LATE WRITE (OE-controlled) cycle.
15. Output parameter (I/O) is referenced to corresponding
CAS input, I/O0-I/O7 by LCAS and I/O8-I/O15 by UCAS.
16. During a READ cycle, if
OE is LOW then taken HIGH before CAS goes HIGH, I/O goes open. If OE is tied permanently LOW, a LATE
WRITE or READ-MODIFY-WRITE is not possible.
17. Write command is defined as
WE going low.
18. LATE WRITE and READ-MODIFY-WRITE cycles must have both tOD and tOEH met (
OE HIGH during WRITE cycle) in order to ensure
that the output buffers will be open during the WRITE cycle. The I/Os will provide the previously written data if
CAS remains LOW
and
OE is taken back to LOW after t
OEH
is met.
19. The I/Os are in open during READ cycles once tOD or tOFF occur.
20. The first
χCAS edge to transition LOW.
21. The last
χCAS edge to transition HIGH.
22. These parameters are referenced to
CAS leading edge in EARLY WRITE cycles and WE leading edge in LATE WRITE or READ-
MODIFY-WRITE cycles.
23. Last falling
χCAS edge to first rising χCAS edge.
24. Last rising
χCAS edge to next cycle’s last rising χCAS edge.
25. Last rising
χCAS edge to first falling χCAS edge.
26. Each
χCAS must meet minimum pulse width.
27. Last
χCAS to go LOW.
28. I/Os controlled, regardless
UCAS and LCAS.
29. The 3 ns minimum is a parameter guaranteed by design.
30. Enables on-chip refresh and address counters.


Similar Part No. - IS41LV16100S-50K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16100 ISSI-IS41LV16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50K ISSI-IS41LV16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50T ISSI-IS41LV16100-50T Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16100S-50K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com