Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-4233 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-4233
Description  High Power Infrared Emitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4233 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-4233 Datasheet HTML 4Page - OSRAM GmbH SFH-4233 Datasheet HTML 5Page - OSRAM GmbH SFH-4233 Datasheet HTML 6Page - OSRAM GmbH SFH-4233 Datasheet HTML 7Page - OSRAM GmbH SFH-4233 Datasheet HTML 8Page - OSRAM GmbH SFH-4233 Datasheet HTML 9Page - OSRAM GmbH SFH-4233 Datasheet HTML 10Page - OSRAM GmbH SFH-4233 Datasheet HTML 11Page - OSRAM GmbH SFH-4233 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2013-10-24
8
Version 1.1
SFH 4233
Method of Taping
Gurtung
Dimensions in mm (inch). / Maße in mm (inch).
Note:
Packing unit 800/reel, ø180 mm
Anm.:
Verpackungseinheit 800/Rolle, ø180 mm
OHAY0508
1.55 (0.061)
2 (0.079)
4 (0.157)
6.35 (0.250)
8 (0.315)
0.3 (0.012)
0.3 (0.012)
1.9 (0.075)
Cathode/Collector Side


Similar Part No. - SFH-4233

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4230 OSRAM-SFH-4230 Datasheet
231Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4231 OSRAM-SFH-4231 Datasheet
268Kb / 8P
   IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH-4232 OSRAM-SFH-4232 Datasheet
416Kb / 13P
   High Power Infrared Emitter
SFH-4232A OSRAM-SFH-4232A Datasheet
476Kb / 12P
   High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
   High Power Infrared Emitter
More results

Similar Description - SFH-4233

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
   High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
   High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
   High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
   High Power Infrared Emitter
logo
OSRAM GmbH
SFH4257 OSRAM-SFH4257_17 Datasheet
432Kb / 13P
   High Power Infrared Emitter
SFH4259 OSRAM-SFH4259 Datasheet
449Kb / 13P
   High Power Infrared Emitter
SFH4278S OSRAM-SFH4278S Datasheet
430Kb / 13P
   High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
   High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com