Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16100S-45K Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IS41LV16100S-45K
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41LV16100S-45K Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IS41LV16100S-45K Datasheet HTML 2Page - Integrated Circuit Solution Inc IS41LV16100S-45K Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41LV16100S-45K Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41LV16100S-45K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41LV16100S-45K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41LV16100S-45K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41LV16100S-45K Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41LV16100S-45K Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41LV16100S-45K Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IS41C16100S
IS41LV16100S
6
Integrated Circuit Solution Inc.
DR004-0B
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < Vcc
–5
5
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–5
5
µA
0V < VOUT < Vcc
VOH
Output High Voltage Level
IOH = –5.0 mA (5V)
2.4
V
IOH = –2.0 mA (3.3V)
VOL
Output Low Voltage Level
IOL = 4.2 mA (5V)
0.4
V
IOL = 2.0 mA (3.3V)
ICC1
Standby Current: TTL
RAS, LCAS, UCAS
≥ V
IH
Commerical
5V
2
mA
3.3V
1
Extended
5V
3
mA
3.3V
2
ICC2
Standby Current: CMOS
RAS, LCAS, UCAS
≥ V
CC
– 0.2V
5V
1
mA
3.3V
0.5
ICC3
Operating Current:
RAS, LCAS, UCAS,
-45
190
mA
Random Read/Write
(2,3,4)
Address Cycling,
tRC = tRC (min.)
-50
160
Average Power Supply Current
-60
145
ICC4
Operating Current:
RAS = V
IL
,
LCAS, UCAS,
-45
100
mA
EDO Page Mode
(2,3,4)
Cycling
tPC = tPC (min.)
-50
90
Average Power Supply Current
-60
80
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS
≥ V
IH
-45
180
mA
RAS-Only(2,3)
tRC = tRC (min.)
-50
160
Average Power Supply Current
-60
145
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-45
180
mA
CBR
(2,3,5)
tRC = tRC (min.)
-50
160
Average Power Supply Current
-60
145
ICCS
Self Refresh Current
Self Refresh mode
300
µA
Notes:
1.
An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured.
The eight
RAS cycles wake-up should be repeated any time the t
REF
refresh requirement is exceeded.
2.
Dependent on cycle rates.
3.
Specified values are obtained with minimum cycle time and the output open.
4.
Column-address is changed once each EDO page cycle.
5.
Enables on-chip refresh and address counters.
6.
Iccs is sampled only not 100% tested.


Similar Part No. - IS41LV16100S-45K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16100 ISSI-IS41LV16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50K ISSI-IS41LV16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50T ISSI-IS41LV16100-50T Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16100S-45K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com