Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN39N90 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN39N90
Description  HiPerFET Power MOSFETs Single MOSFET Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN39N90 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN39N90 Datasheet HTML 1Page - IXYS Corporation IXFN39N90 Datasheet HTML 2Page - IXYS Corporation IXFN39N90 Datasheet HTML 3Page - IXYS Corporation IXFN39N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.001
0.010
0.100
1.000
V
DS - Volts
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
Gate Charge - nC
0
50
100 150 200 250 300 350 400
0
2
4
6
8
10
Crss
Coss
V
DS = 450 V
I
D = 19.50A
I
G = 10 mA
f = 100kHz
Ciss
Single Pulse
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
T
J = 125
OC
T
J = 25
OC
V
GS = 0V
IXFN 39N90
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the Intrinsic Diode
Figure 10. Transient Thermal Resistance


Similar Part No. - IXFN39N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN39N90 IXYS-IXFN39N90 Datasheet
214Kb / 5P
   Power MOSFET
IXFN39N90 IXYS-IXFN39N90_V01 Datasheet
214Kb / 5P
   Power MOSFET
More results

Similar Description - IXFN39N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN130N30 IXYS-IXFN130N30 Datasheet
162Kb / 4P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN60N60 IXYS-IXFN60N60 Datasheet
71Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFL44N60 IXYS-IXFL44N60 Datasheet
532Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N50 IXYS-IXFN80N50 Datasheet
577Kb / 4P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN280N07 IXYS-IXFN280N07 Datasheet
102Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN340N06 IXYS-IXFN340N06 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN48N55 IXYS-IXFN48N55 Datasheet
77Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N48 IXYS-IXFN80N48 Datasheet
137Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN34N100 IXYS-IXFN34N100 Datasheet
101Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN75N50 IXYS-IXFN75N50 Datasheet
126Kb / 4P
   HiPerFET Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com