Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-9500 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-9500
Description  Slotted Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9500 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-9500 Datasheet HTML 1Page - OSRAM GmbH SFH-9500 Datasheet HTML 2Page - OSRAM GmbH SFH-9500 Datasheet HTML 3Page - OSRAM GmbH SFH-9500 Datasheet HTML 4Page - OSRAM GmbH SFH-9500 Datasheet HTML 5Page - OSRAM GmbH SFH-9500 Datasheet HTML 6Page - OSRAM GmbH SFH-9500 Datasheet HTML 7Page - OSRAM GmbH SFH-9500 Datasheet HTML 8Page - OSRAM GmbH SFH-9500 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2011-07-12
2
DRAFT – For Reference only.
Subject to change.
Version 1.0
SFH 9500
Maximum Ratings (TA = 25 °C)
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emitter
Sender
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
60
mA
Total power dissipation
Verlustleistung
Ptot
100
mW
Thermal resistance junction - ambient 1) page 10
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 10
RthJA
280
K / W
Detector
Empfänger
Collector-emitter voltage
Kollektor-Emitter-Spannung
VCE
30
V
Collector-emitter voltage
Kollektor-Emitter-Spannung
(t ≤ 2 min)
VCE
70
V
Emitter-collector voltage
Emitter-Kollektor-Spannung
VEC
7V
Collector current
Kollektorstrom
IC
50
mA
Total power dissipation
Verlustleistung
Ptot
150
mW
Thermal resistance junction - ambient 1) page 10
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 10
RthJA
280
K / W
Slotted Interrupter
Gabellichtschranke
Storage temperature range
Lagertemperatur
Tstg
-40 ... 85
°C


Similar Part No. - SFH-9500

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-9540 OSRAM-SFH-9540 Datasheet
268Kb / 11P
   Slotted Interrupter
More results

Similar Description - SFH-9500

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9540 OSRAM-SFH9540 Datasheet
268Kb / 11P
   Slotted Interrupter
SFH9315 OSRAM-SFH9315 Datasheet
238Kb / 8P
   Slotted Interrupter
SFH-9540 OSRAM-SFH-9540 Datasheet
268Kb / 11P
   Slotted Interrupter
logo
List of Unclassifed Man...
SFH9310 ETC-SFH9310 Datasheet
58Kb / 7P
   Gabellichtschranke Slotted Interrupter
logo
Micropac Industries
67013 MICROPAC-67013 Datasheet
14Kb / 2P
   SLOTTED OPTICAL INTERRUPTER
logo
List of Unclassifed Man...
SFH9300 ETC-SFH9300 Datasheet
59Kb / 7P
   Gabellichtschranke Slotted Interrupter
logo
OSRAM GmbH
SFH9500 OSRAM-SFH9500 Datasheet
93Kb / 10P
   Gabellichtschranke Slotted Interrupter
logo
Motorola, Inc
MOC7811 MOTOROLA-MOC7811 Datasheet
65Kb / 1P
   Slotted Couplers/Interrupter Modules
logo
Micropac Industries
67060 MICROPAC-67060 Datasheet
77Kb / 2P
   SLOTTED OPTICAL INTERRUPTER PROTON AND TOTAL DOSE TOLERANT
logo
ISOCOM COMPONENTS
ISTS105A ISOCOM-ISTS105A Datasheet
145Kb / 4P
   SINGLE CHANNEL SLOTTED INTERRUPTER SWITCH WITH TRANSISTOR SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com