Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-425 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-425
Description  GaAs Infrared Emitter in SMT Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-425 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-425 Datasheet HTML 1Page - OSRAM GmbH SFH-425 Datasheet HTML 2Page - OSRAM GmbH SFH-425 Datasheet HTML 3Page - OSRAM GmbH SFH-425 Datasheet HTML 4Page - OSRAM GmbH SFH-425 Datasheet HTML 5Page - OSRAM GmbH SFH-425 Datasheet HTML 6Page - OSRAM GmbH SFH-425 Datasheet HTML 7Page - OSRAM GmbH SFH-425 Datasheet HTML 8Page - OSRAM GmbH SFH-425 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2013-01-16
2
Version 1.0 (not for new design)
SFH 425
Ordering Information
Bestellinformation
Maximum Ratings (TA = 25 °C)
Grenzwerte
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
IF= 100 mA, tp= 20 ms
Ie [mW/sr]
SFH 425
5 (≥ 2.5)
Q65110A2463
Note: Measured at a solid angle of Ω = 0.01 sr
Anm:: Gemessen bei einem Raumwinkel Ω = 0.01 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
100
mA
Surge current
Stoßstrom
(tp ≤ 10 μs, D = 0)
IFSM
3A
Total power dissipation
Verlustleistung
Ptot
160
mW
Thermal resistance junction - ambient 1) page 13
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 13
RthJA
450
K / W
Thermal resistance junction - soldering point
2) page 13
Wämewiderstand Sperrschicht - Lötstelle 2) Seite 13
RthJS
200
K / W


Similar Part No. - SFH-425

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4250 OSRAM-SFH-4250 Datasheet
456Kb / 13P
   High Power Infrared Emitter
SFH-4250S OSRAM-SFH-4250S Datasheet
462Kb / 13P
   High Power Infrared Emitter
SFH-4252 OSRAM-SFH-4252 Datasheet
271Kb / 9P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4253 OSRAM-SFH-4253 Datasheet
420Kb / 13P
   High Power Infrared Emitter
SFH-4254 OSRAM-SFH-4254 Datasheet
279Kb / 13P
   High Power Infrared Emitter (850 nm)
More results

Similar Description - SFH-425

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-420 OSRAM-SFH-420 Datasheet
275Kb / 14P
   GaAs Infrared Emitter in SMT Package
SFH420 OSRAM-SFH420_01 Datasheet
138Kb / 7P
   GaAs Infrared Emitter in SMT Package
logo
Siemens Semiconductor G...
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
SFH4219 OSRAM-SFH4219 Datasheet
62Kb / 6P
   GaAs Infrared Emitter in SMT Package with lens
SFH421 OSRAM-SFH421_02 Datasheet
77Kb / 7P
   GaAlAs Infrared Emitter in SMT Package
SFH4283 OSRAM-SFH4283 Datasheet
269Kb / 13P
   GaAlAs Infrared Emitter in SMT Package
logo
Vitesse Semiconductor C...
TSMS3700 VITESSE-TSMS3700 Datasheet
54Kb / 6P
   GaAs Infrared Emitting Diode in SMT Package
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
246Kb / 8P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 06-Jun-03
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com