Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3225C Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAN3225C
Description  2A Low-Voltage PMOS-NMOS Bridge Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3225C Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAN3225C Datasheet HTML 2Page - ON Semiconductor FAN3225C Datasheet HTML 3Page - ON Semiconductor FAN3225C Datasheet HTML 4Page - ON Semiconductor FAN3225C Datasheet HTML 5Page - ON Semiconductor FAN3225C Datasheet HTML 6Page - ON Semiconductor FAN3225C Datasheet HTML 7Page - ON Semiconductor FAN3225C Datasheet HTML 8Page - ON Semiconductor FAN3225C Datasheet HTML 9Page - ON Semiconductor FAN3225C Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristics
Unless otherwise noted, VDD=12 V and TJ=-40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VDD
Operating Range
4.5
18.0
V
IDD
Supply Current Inputs / EN Not
Connected
0.75
1.20
mA
FAN3268T UVLO
VON
Device Turn-On Voltage
INA=ENA=VDD, INB=ENB=0 V
3.5
3.9
4.3
V
VOFF
Device Turn-Off Voltage
INA=ENA=VDD, INB=ENB=0 V
3.3
3.7
4.1
V
FAN3268TMX_F085 UVLO (Automotive-Qualified Versions)
VON
Device Turn-On Voltage
(12)
INA=ENA=VDD, INB=ENB=0 V
3.3
3.9
4.5
V
VOFF
Device Turn-Off Voltage
(12)
INA=ENA=VDD, INB=ENB=0 V
3.1
3.7
4.3
V
INPUT
(9)
FAN3268T
VIL
INx Logic Low Threshold
0.8
1.2
V
VIH
INx Logic High Threshold
1.6
2.0
V
VHYS
Logic Hysteresis Voltage
0.2
0.4
0.8
V
FAN3268TMX_F085 (Automotive-Qualified Versions)
VIL
INx Logic Low Threshold
(12)
0.8
1.2
V
VIH
INx Logic High Threshold
(12)
1.6
2.0
V
VHYS
Logic Hysteresis Voltage
(12)
0.1
0.4
0.8
V
Continued on the following page…
www.onsemi.com
6


Similar Part No. - FAN3225C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3225C FAIRCHILD-FAN3225C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3225C FAIRCHILD-FAN3225C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3225C FAIRCHILD-FAN3225C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3225C FAIRCHILD-FAN3225C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3225C FAIRCHILD-FAN3225C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3225C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3278 FAIRCHILD-FAN3278 Datasheet
471Kb / 15P
   30V PMOS-NMOS Bridge Driver
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com