Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5701C Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV5701C
Description  High Current IGBT Gate Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5701C Datasheet(HTML) 1 Page - ON Semiconductor

  NCV5701C Datasheet HTML 1Page - ON Semiconductor NCV5701C Datasheet HTML 2Page - ON Semiconductor NCV5701C Datasheet HTML 3Page - ON Semiconductor NCV5701C Datasheet HTML 4Page - ON Semiconductor NCV5701C Datasheet HTML 5Page - ON Semiconductor NCV5701C Datasheet HTML 6Page - ON Semiconductor NCV5701C Datasheet HTML 7Page - ON Semiconductor NCV5701C Datasheet HTML 8Page - ON Semiconductor NCV5701C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2017
October, 2017 − Rev. 0
1
Publication Order Number:
NCV5701/D
NCV5701A, NCV5701B,
NCV5701C
High Current IGBT Gate
Drivers
The NCV5701A, NCV5701B and NCV5701C are high−current,
high−performance stand−alone IGBT drivers for high power
applications that include solar inverters, motor control and
uninterruptible power supplies. The devices offer a cost−effective
solution by eliminating external output buffer. Devices protection
features include accurate Under−voltage−lockout (UVLO),
desaturation protection (DESAT) and Active Low FAULT output. The
drivers also feature an accurate 5.0 V output. The drivers are designed
to accommodate a wide voltage range of bias supplies including
unipolar and NCV5701B even bipolar voltages.
Depending on the pin configuration the devices also include Active
Miller Clamp (NCV5701A) and separate high and low (VOH and VOL)
driver outputs for system design convenience (NCV5701C).
All three available pin configuration variants have 8−pin SOIC
package.
Features
High Current Output (+4/−6 A) at IGBT Miller Plateau voltages
Low Output Impedance for Enhanced IGBT Driving
Short Propagation Delay with Accurate Matching
Direct Interface to Digital Isolator/Opto−coupler/Pulse Transformer
for Isolated Drive, Logic Compatibility for Non−isolated Drive
DESAT Protection with Programmable Delay
Tight UVLO Thresholds for Bias Flexibility
Wide Bias Voltage Range
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable, Grade 1
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
NCV5701A Features
Active Miller Clamp to Prevent Spurious Gate Turn−on
NCV5701B Features
Negative Output Voltage for Enhanced IGBT Driving
NCV5701C Features
Separate Outputs for VOL and VOH
Typical Applications
Motor Control
Uninterruptible Power Supplies (UPS)
Automotive Power Supplies
HEV/EV Powertrain
HEV/EV PTC Heaters
MARKING
DIAGRAM
www.onsemi.com
SOIC−8
D SUFFIX
CASE 751
See detailed ordering and shipping information on page 9 of
this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
1
8
NCV5701 = Specific Device Code
X
= A, B or C
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NCV5701X
ALYW
G
1
8
NCV5701A
CLAMP
GND
VO
VCC
VIN
VREF
FLT
DESAT
NCV5701B
VEE
GND
VO
VCC
VIN
VREF
FLT
DESAT
NCV5701C
GND
VOL
VOH
VCC
VIN
VREF
FLT
DESAT
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5


Similar Part No. - NCV5701C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57000 ONSEMI-NCV57000 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 2
NCV57000D ONSEMI-NCV57000D Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57000DWR2G ONSEMI-NCV57000DWR2G Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
More results

Similar Description - NCV5701C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5703A ONSEMI-NCV5703A Datasheet
672Kb / 20P
   High Current IGBT Gate Drivers
August, 2019 ??Rev. 1
NCD5703A ONSEMI-NCD5703A Datasheet
451Kb / 20P
   High Current IGBT Gate Drivers
January, 2018 ??Rev. 0
NCD5701 ONSEMI-NCD5701 Datasheet
465Kb / 20P
   High Current IGBT Gate Drivers
August, 2016 ??Rev. 1
NCV5705B ONSEMI-NCV5705B Datasheet
668Kb / 15P
   High Current IGBT Gate Drivers
March, 2022 - Rev. 3
NCD5701A ONSEMI-NCD5701A Datasheet
342Kb / 20P
   High Current IGBT Gate Drivers
June, 2017 ??Rev. 4
NCD5700 ONSEMI-NCD5700_17 Datasheet
333Kb / 18P
   High Current IGBT Gate Driver
June, 2017 ??Rev. 4
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
   High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
   High Current IGBT Gate Driver
August, 2016 ??Rev. 1
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
   High Current IGBT Gate Driver
August, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com