Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51530BMNTWG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP51530BMNTWG
Description  High Frequency High and Low Side Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51530BMNTWG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP51530BMNTWG Datasheet HTML 5Page - ON Semiconductor NCP51530BMNTWG Datasheet HTML 6Page - ON Semiconductor NCP51530BMNTWG Datasheet HTML 7Page - ON Semiconductor NCP51530BMNTWG Datasheet HTML 8Page - ON Semiconductor NCP51530BMNTWG Datasheet HTML 9Page - ON Semiconductor NCP51530BMNTWG Datasheet HTML 10Page - ON Semiconductor NCP51530BMNTWG Datasheet HTML 11Page - ON Semiconductor NCP51530BMNTWG Datasheet HTML 12Page - ON Semiconductor NCP51530BMNTWG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
NCP51530
www.onsemi.com
9
Figure 6. NCP51530 Operating Currents (No Load, VCC = 12V)
Figure 7. NCP51530 Operating Currents (1nF load, VCC = 12V)


Similar Part No. - NCP51530BMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51510MNTAG ONSEMI-NCP51510MNTAG Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51510MNTWG ONSEMI-NCP51510MNTWG Datasheet
194Kb / 7P
   3 Amp VTT Termination Source / Sink Regulator for DDR, DDR-2, DDR-3, DDR-4
July, 2013 ??Rev. 0
NCP51560 ONSEMI-NCP51560 Datasheet
3Mb / 30P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
NCP51560ABDWR2G ONSEMI-NCP51560ABDWR2G Datasheet
3Mb / 30P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
More results

Similar Description - NCP51530BMNTWG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2320EFJ-LA ROHM-BD2320EFJ-LA Datasheet
1Mb / 21P
   High Frequency High-Side and Low-Side Driver
29.Mar.2022 Rev.002
logo
Texas Instruments
UCC27200-Q1 TI1-UCC27200-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Frequency High-Side and Low-Side Driver
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0547 DIODES-DGD0547 Datasheet
709Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
642Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD05473 DIODES-DGD05473 Datasheet
738Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0590A DIODES-DGD0590A Datasheet
581Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Texas Instruments
UCC27201A-DIE TI1-UCC27201A-DIE Datasheet
98Kb / 5P
[Old version datasheet]   HIGH FREQUENCY, HIGH-SIDE/LOW-SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com