Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5700DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV5700DR2G
Description  High Current IGBT Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5700DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV5700DR2G Datasheet HTML 1Page - ON Semiconductor NCV5700DR2G Datasheet HTML 2Page - ON Semiconductor NCV5700DR2G Datasheet HTML 3Page - ON Semiconductor NCV5700DR2G Datasheet HTML 4Page - ON Semiconductor NCV5700DR2G Datasheet HTML 5Page - ON Semiconductor NCV5700DR2G Datasheet HTML 6Page - ON Semiconductor NCV5700DR2G Datasheet HTML 7Page - ON Semiconductor NCV5700DR2G Datasheet HTML 8Page - ON Semiconductor NCV5700DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2017
September, 2017 − Rev. 0
1
Publication Order Number:
NCV5700/D
NCV5700
High Current IGBT Gate
Driver
The NCV5700 is a high−current, high−performance stand−alone
IGBT driver for high power applications that include solar inverters,
motor control and uninterruptable power supplies. The device offers a
cost−effective solution by eliminating many external components.
Device protection features include Active Miller Clamp, accurate
UVLO, EN input, DESAT protection and Active Low FAULT output.
The driver also features an accurate 5.0 V output and separate high and
low (VOH and VOL) driver outputs for system design convenience.
The driver is designed to accommodate a wide voltage range of bias
supplies including unipolar and bipolar voltages. It is available in a
16−pin SOIC package.
Features
High Current Output (+4/−6 A) at IGBT Miller Plateau Voltages
Low Output Impedance of VOH & VOL for Enhanced IGBT Driving
Short Propagation Delays with Accurate Matching
Direct Interface to Digital Isolator/Opto−coupler/Pulse Transformer
for Isolated Drive, Logic Compatibility for Non−isolated Drive
Active Miller Clamp to Prevent Spurious Gate Turn−on
DESAT Protection with Programmable Delay
Enable Input for Independent Driver Control
Tight UVLO Thresholds for Bias Flexibility
Wide Bias Voltage Range including Negative VEE Capability
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable, Grade 1
This Device is Pb−Free, Halogen−Free and RoHS Compliant
Typical Applications
Motor Control
Uninterruptible Power Supplies (UPS)
Automotive Power Supplies
HEV/EV Powertrain
HEV/EV PTC Heaters
VCC
VEE
DESAT
VCC
VEE
GND
CLAMP
VOH
VOL
VREF
EN
VIN
FLT
Figure 1. Simplified Application Schematic
MARKING
DIAGRAM
www.onsemi.com
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
SOIC−16
D SUFFIX
CASE 751B
NCV5700DR2G
AWLYWW
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION
1
2
3
4
5
6
7
8
16
12
11
10
9
(Top View)
GNDA
EN
VIN
VREF
FLT
NC
RSVD
NC
CLAMP
VOL
VOH
DESAT
VCC
13
GND
15
14
VEEA
VEE
PIN CONNECTIONS


Similar Part No. - NCV5700DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57000 ONSEMI-NCV57000 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 2
NCV57000D ONSEMI-NCV57000D Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57000DWR2G ONSEMI-NCV57000DWR2G Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57000DWR2G ONSEMI-NCV57000DWR2G Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 2
More results

Similar Description - NCV5700DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD5700 ONSEMI-NCD5700_17 Datasheet
333Kb / 18P
   High Current IGBT Gate Driver
June, 2017 ??Rev. 4
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
   High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
   High Current IGBT Gate Driver
August, 2016 ??Rev. 1
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
   High Current IGBT Gate Driver
August, 2019 ??Rev. 1
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com