Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3229TMX Datasheet(PDF) 9 Page - ON Semiconductor

Part # FAN3229TMX
Description  Dual 2-A High-Speed, Low-Side Gate Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3229TMX Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FAN3229TMX Datasheet HTML 5Page - ON Semiconductor FAN3229TMX Datasheet HTML 6Page - ON Semiconductor FAN3229TMX Datasheet HTML 7Page - ON Semiconductor FAN3229TMX Datasheet HTML 8Page - ON Semiconductor FAN3229TMX Datasheet HTML 9Page - ON Semiconductor FAN3229TMX Datasheet HTML 10Page - ON Semiconductor FAN3229TMX Datasheet HTML 11Page - ON Semiconductor FAN3229TMX Datasheet HTML 12Page - ON Semiconductor FAN3229TMX Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.onsemi.com
9
Electrical Characteristics (Continued)
Unless otherw ise noted, VDD=12 V, TJ=-40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
ENABLE (FAN3226C, FAN3226T, FAN3227C, FAN3227T) (continued)
tD3
EN to Output Propagation Delay
(12)
0 V to 5 V EN, 1 V/ns Slew Rate
10
19
34
ns
tD4
5 V to 0 V EN, 1 V/ns Slew Rate
10
18
32
ns
FAN3226CMX, FAN3226TMX, FAN3227CMX, FAN3227TMX_F085 (Automotive-Qualified Versions)
tD3
EN to Output Propagation Delay
(12),(14)
0 V to 5 V EN, 1 V/ns Slew Rate
8
19
35
ns
tD4
5 V to 0 V EN, 1 V/ns Slew Rate
8
18
35
ns
Outputs
ISINK
OUT Current, Mid-Voltage, Sinking
(11)
OUT at VDD/2,
CLOAD=0.1 µF, f=1 kHz
2.4
A
ISOURCE
OUT Current, Mid-Voltage,
Sourcing
(11)
OUT at VDD/2,
CLOAD=0.1 µF, f=1 kHz
-1.6
A
IPK_SINK
OUT Current, Peak, Sinking
(11)
CLOAD=0.1 µF, f=1 kHz
3
A
IPK_SOURCE
OUT Current, Peak, Sourcing
(11)
CLOAD=0.1 µF, f=1 kHz
-3
A
tRISE
Output Rise Time
(13)
CLOAD=1000 pF
12
22
ns
tFALL
Output Fall Time
(13)
CLOAD=1000 pF
9
17
ns
IRVS
Output Reverse Current Withstand
(11)
500
mA
FAN322xT, FAN322xC
tD1
Output Propagation Delay, CMOS
Inputs
(13)
CMOS Input
7
15
30
ns
tD2
CMOS Input
6
15
29
tD1
Output Propagation Delay, TTL
Inputs
(13)
TTL Input
10
19
34
ns
tD2
TTL Input
10
18
32
tDEL.MATCH
Propagation Matching Betw een
Channels
(14)
INA=INB, OUTA and OUTB at
50% Point
1
2
ns
FAN322xTMX_F085, FAN322xCMX_F085 (Automotive-Qualified Versions)
tD1
Output Propagation Delay, CMOS
Inputs
(13),(14)
CMOS Input
7
15
33
ns
tD2
CMOS Input
6
15
42
tD1
Output Propagation Delay, TTL
Inputs
(13),(14)
TTL Input
9
19
34
ns
tD2
TTL Input
9
18
32
tDEL.MATCH
Propagation Matching Betw een
Channels
(14)
INA=INB, OUTA and OUTB at
50% Point
2
4
ns
VOH
High Level Output Voltage
(14)
VOH =VDD
–VOUT, IOUT=–1 mA
15
35
mV
VOL
Low Level Output Voltage
(14)
IOUT = 1 mA
10
25
mV
Notes:
9.
Low er supply current due to inactive TTL circuitry.
10. EN inputs have TTL thresholds; refer to the ENABLE section.
11. Not tested in production.
12. See Timing Diagrams of Figure 11 and Figure 12.
13. See Timing Diagrams of Figure 9 and Figure 10.
14. Apply to only F085 Version


Similar Part No. - FAN3229TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3229TMX FAIRCHILD-FAN3229TMX Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229TMX FAIRCHILD-FAN3229TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229TMX FAIRCHILD-FAN3229TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229TMX FAIRCHILD-FAN3229TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229TMX FAIRCHILD-FAN3229TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3229TMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com