Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51530 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCP51530
Description  High Frequency High and Low Side Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51530 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCP51530 Datasheet HTML 13Page - ON Semiconductor NCP51530 Datasheet HTML 14Page - ON Semiconductor NCP51530 Datasheet HTML 15Page - ON Semiconductor NCP51530 Datasheet HTML 16Page - ON Semiconductor NCP51530 Datasheet HTML 17Page - ON Semiconductor NCP51530 Datasheet HTML 18Page - ON Semiconductor NCP51530 Datasheet HTML 19Page - ON Semiconductor NCP51530 Datasheet HTML 20Page - ON Semiconductor NCP51530 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
NCP51530
www.onsemi.com
17
and is not affected by the VB status. This ensures proper
charging of the bootstrap capacitor to bring the high side bias
supply VB above UVLO voltage.
Both the VCC and VB UVLO circuits are provided with
hysteresis feature. This hysteresis feature avoids errors due
to ground noise in the power supply. The hysteresis also
ensures continuous operation in case of a small drop in the
bias voltage. This drop in the bias can happen when device
starts switching MOSFET and the operating current of the
device increases. The UVLO feature of the device is
explained in the Figure 30.
Figure 29. NCP51530 Turn ON−OFF Paths
OUTPUT STAGES
The NCP51530 is equipped with two independent drivers.
The output stage of NCP51530 has 1.7 A/2.2 A current
source/sink capability which can effectively charge and
discharge a 1 nF load in 15 ns.
The outputs of NCP51530 can be turned on at the same
time and there is no internal dead−time built between them.
This allows NCP51530 to be used in topologies like two
switch forward converter.
The figure below show the output stage structure and the
charging and discharging path of the external power
MOSFET. The bias supply VCC or VB supply the energy to
charge the gate capacitance Cgs of the low side or the top
side external MOSFETs respectively. When a logic high is
received from input stage, Qsource turns on and VCC/VB
starts charging Cgs through Rg. Once the Cgs is charged to
the drive voltage level the external power MOSFET turns on
the external MOSFET to discharge to GND/HB level.
When a logic low signal is received from the input stage,
Qsource turns off and Qsink turns on providing a path for
gate terminal of
As seen in the figure, there are parasitic inductances in
charging and discharging path of the Cgs. This can result in
a little dip in the bias voltages VCC/VB. If the VCC/VB drops
below UVLO the power supply can shut down the device.


Similar Part No. - NCP51530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51510MNTAG ONSEMI-NCP51510MNTAG Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51510MNTWG ONSEMI-NCP51510MNTWG Datasheet
194Kb / 7P
   3 Amp VTT Termination Source / Sink Regulator for DDR, DDR-2, DDR-3, DDR-4
July, 2013 ??Rev. 0
NCP51560 ONSEMI-NCP51560 Datasheet
3Mb / 30P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
NCP51560ABDWR2G ONSEMI-NCP51560ABDWR2G Datasheet
3Mb / 30P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
More results

Similar Description - NCP51530

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2320EFJ-LA ROHM-BD2320EFJ-LA Datasheet
1Mb / 21P
   High Frequency High-Side and Low-Side Driver
29.Mar.2022 Rev.002
logo
Texas Instruments
UCC27200-Q1 TI1-UCC27200-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Frequency High-Side and Low-Side Driver
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0547 DIODES-DGD0547 Datasheet
709Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
642Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD05473 DIODES-DGD05473 Datasheet
738Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0590A DIODES-DGD0590A Datasheet
581Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Texas Instruments
UCC27201A-DIE TI1-UCC27201A-DIE Datasheet
98Kb / 5P
[Old version datasheet]   HIGH FREQUENCY, HIGH-SIDE/LOW-SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com