Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP51530 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP51530
Description  High Frequency High and Low Side Driver
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP51530 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2018
March, 2018 − Rev. P0
1
Publication Order Number:
NCP51530/D
NCP51530
Product Preview
High Frequency, 700 V- 2 A
High and Low Side Driver
NCP51530 is a 700 V high side and low side driver with 2 A current
drive capability for AC−DC power supplies and inverters. NCP51530
offers best in class propagation delay, low quiescent current and low
switching current at high frequencies of operation. This device is
tailored for highly efficient power supplies operating at high
frequencies. NCP51530 is offered in two versions, NCP51530A/B.
NCP51530A has a typical 60 ns propagation delay, while NCP51530B
has a typical propagation delay of 25 ns. NCP51530 comes in SOIC8
and DFN10 packages.
Features
High voltage range: Up to 700 V
NCP51530A: Typical 60 ns Propagation Delay
NCP51530B: Typical 25 ns Propagation Delay
Low Quiescent and Operating Currents
15 ns Rise and Fall Time
2.2 A/1.7 A Source/sink Currents
Under−voltage Lockout for Both Channels
3.3 V and 5 V Input Logic Compatible
High dv/dt Immunity up to 50 V/ns
Pin to Pin Compatible with Industry Standard Half−bridge ICs.
Matched Propagation Delay (7 ns Max)
High Negative Transient Immunity on Bridge Pin
DFN10 Package Offers Both Improved Creepage and Exposed Pad
Applications
High−density SMPS for Servers, Telecom and Industrial
Half/Full−bridge & LLC Converters
Active Clamp Flyback/Forward Converters
Solar Inverters & Motor Controls
Electric Power Steering
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
SOIC−8
D SUFFIX
CASE 751−07
MARKING
DIAGRAMS
NCP5106 = Specific Device Code
x
= A or B version
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
www.onsemi.com
1
NCP51530x
ALYW
G
1
8
PINOUT INFORMATION
8 Pin Package
(Top View)
1
1
GND
LIN
HIN
LO
VB
HO
HB
VCC
See detailed ordering and shipping information on page 23 of
this data sheet.
ORDERING INFORMATION
DFN10
MN SUFFIX
CASE 506DJ
1
51530x
ALYWG
G
(Note: Microdot may be in either location)
10 Pin DFN Package
(Top View)
VB
HB
LO
NC
HO
LIN
HIN
VCC
GND
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn