Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP51530 Datasheet(PDF) 7 Page - ON Semiconductor

Part No. NCP51530
Description  High Frequency High and Low Side Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51530 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP51530 Datasheet HTML 3Page - ON Semiconductor NCP51530 Datasheet HTML 4Page - ON Semiconductor NCP51530 Datasheet HTML 5Page - ON Semiconductor NCP51530 Datasheet HTML 6Page - ON Semiconductor NCP51530 Datasheet HTML 7Page - ON Semiconductor NCP51530 Datasheet HTML 8Page - ON Semiconductor NCP51530 Datasheet HTML 9Page - ON Semiconductor NCP51530 Datasheet HTML 10Page - ON Semiconductor NCP51530 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NCP51530
www.onsemi.com
7
Table 6. ELECTRICAL CHARACTERISTICS
(−40°C <TJ < 125°C, VCC =VB =12V, VHB = GND, outputs are not loaded, all voltages are referenced to GND; unless otherwise noted,
Typical values are at TJ = 25°C.)
Parameters
Unit
Max
Typ
Min
Symbol
Test Conditions
HO GATE DRIVER
Low level output voltage
IHO = 100 mA
VHOL
0.250
V
High level output voltage
IHO = −100 mA, VHOH = VHB
–VHO
VHOH
0.270
V
Peak source current
VHO = 0 V
IHOpullup
2.2
A
Peak sink current
VHO = 12 V
IHOpulldown
1.7
A
OUTPUT RISE AND FALL TIME
Rise Time LO, HO
Cload = 1000 pF
TR
8
15
ns
Fall Time LO, HO
Cload = 1000 pF
TF
8
15
ns
DELAY MATCHING
LI ON, HI OFF
Pulse width = 1 ms
TMON
7
ns
LI OFF, HI ON
Pulse width = 1 ms
TMOFF
7
ns
TIMING
Minimum Input Filter (NCP51530A)
VXIN = 5 V , Input pulse width
above which output change oc-
curs.
TFT
30
40
ns
PROPAGATION DELAY
NCP51530A
VLI falling to VLO falling
Cload = 0, Minimum On/Off−time
to register as a valid change =
50 ns
TDLFF
60
100
ns
VHI falling to VHO falling
Cload = 0, Minimum On/Off−time
to register as a valid change =
50 ns
TDHFF
60
100
ns
VLI rising to VLO rising
Cload = 0, Minimum On/Off−time
to register as a valid change =
50 ns
TDLRR
60
100
ns
VHI rising to VHO rising
Cload = 0, Minimum On/Off−time
to register as a valid change =
50 ns
TDHRR
60
100
ns
PROPAGATION DELAY
NCP51530B
VLI falling to VLO falling
Cload = 0, Minimum On/Off−time
to register as a valid change =
50 ns
TDLFF
25
40
ns
VHI falling to VHO falling
Cload = 0, Minimum On/Off−time
to register as a valid change =
50 ns
TDHFF
25
40
ns
VLI rising to VLO rising
Cload = 0, Minimum On/Off−time
to register as a valid change =
50 ns
TDLRR
25
40
ns
VHI rising to VHO rising
Cload = 0, Minimum On/Off−time
to register as a valid change =
50 ns
TDHRR
25
40
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn