Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP51530 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP51530
Description  High Frequency High and Low Side Driver
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP51530 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NCP51530
www.onsemi.com
6
Table 4. THERMAL CHARACTERSTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SOIC8 (Note 3)
Thermal Resistance, Junction to Air (Note 4)
RqJA
130
145
°C/W
Thermal Characteristics, DFN10
Thermal Resistance, Junction to Air
RqJA
45
72
°C/W
3. Refer to ELECTRICAL CHARACTERSTICS and APPLICATION INFORMATION for Safe Operating Area.
4. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz thickness and FR4 PCB substrate.
Table 5. RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Min
Max
Unit
Input Voltage Range
VCC
10
17
V
High Side Floating Voltage
VB−VHB
10
17
V
High Side Bridge pin Voltage
VHB
−1
700
V
High Side Output Voltage
VHO
VHB
VB
V
High Side Output Voltage
VLO
GND
VCC
V
Input Voltage on LIN and HIN pins
VLIN,
VHIN
GND
VCC−2
V
Operating Junction Temperature Range
TJ
−40
125
°C
Table 6. ELECTRICAL CHARACTERISTICS
(−40°C <TJ < 125°C, VCC =VB =12V, VHB = GND, outputs are not loaded, all voltages are referenced to GND; unless otherwise noted,
Typical values are at TJ = 25°C.)
Parameters
Test Conditions
Symbol
Min
Typ
Max
Unit
SUPPLY SECTION
VCC quiescent current
VLIN=VHIN=0
ICCQ
0.15
0.25
mA
VCC operating current
f = 500 kHz, CLOAD = 0
ICCO
2
2.5
mA
Boot voltage quiescent current
VLIN = VHIN = 0 V
IBQ
0.1
0.15
mA
Boot voltage operating current
f = 500 kHz, CLOAD = 0
IBO
2
2.5
mA
HB to GND quiescent current
VHS = VHB = 700 V
IHBQ
6
11
mA
INPUT SECTION
Input rising threshold
VHIT
2.3
2.7
3.1
V
Input falling threshold
VLIT
1
1.4
1.8
V
Input voltage Hysteresis
VIHYS
1.3
V
Input pulldown resistance
VXIN= 5 V
RIN
100
175
250
kW
UNDER VOLTAGE LOCKOUT (UVLO)
VCC ON
VCC Rising
VCCon
8.6
9.1
9.6
V
VCC hysteresis
VCChys
0.5
V
VB ON
VB Rising
VBon
8
8.5
9
V
VB hysteresis
VBhyst
0.5
V
High Side Startup Time
Time between VB > UVLO & 1st
HO Pulse
Tstartup
10
ms
Low level output voltage
ILO = 100 mA
VLOL
0.250
V
High level output voltage
ILO = −100 mA, VLOH = VCC
−VLO
VLOH
0.270
V
Peak source current
VLO = 0 V
ILOpullup
2.2
A
Peak sink current
VLO = 12 V
ILOpulldown
1.7
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn