Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP51530 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP51530
Description  High Frequency High and Low Side Driver
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP51530 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
NCP51530
www.onsemi.com
5
Figure 3. Internal Block Diagram for NCP51530
r
Pulse
Trigg er
Level
Shifter
UV
DETECT
DELAY
r
UV
Detect
S
R
Q
Q
VCC
VB
HO
LO
HB
VCC
HIN
LIN
GND
Table 3. ABSOLUTE MAXIMUM RATINGS All voltages are referenced to GND pin.
Rating
Symbol
Value
Unit
Input voltage range
VCC
−0.3 to 19
V
High side boot pin voltage
VB
−0.3 to 720
V
High side floating voltage
VB−VHB
−0.3 to 20
V
High side drive output voltage
VHO
VHB – 0.3 to VB + 0.3
V
Low side drive output voltage
VLO
−0.3 to VCC + 0.3
V
Allowable hb slew rate
dVHB/dt
50
V/ns
Drive input voltage
VLIN,
VHIN
−5 to VCC + 0.3
V
Junction temperature
TJ(MAX)
150°
C
Storage temperature range
TSTG
−55° to 150°
C
ESD Capability (Note 1)
Human Body Model per JEDEC Standard JESD22−A114E.
Charge Device Model per JEDEC Standard JESD22−C101E.
4000
1000
V
Lead Temperature Soldering
Reflow (SMD Styles ONLY), Pb−Free Versions (Note 2)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series incorporates ESD protection and is tested by the following methods. ESD Human Body Model tested per
AEC−Q100−002(EIA/JESD22−A114)
ESD Charged Device Model tested per AEC−Q100−11(EIA/JESD22−C101E)
Latchup Current Maximum Rating: ≤150 mA per JEDEC standard: JESD78
2. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn