Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7081M-GF085 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN7081M-GF085
Description  High Side Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7081M-GF085 Datasheet(HTML) 2 Page - ON Semiconductor

  FAN7081M-GF085 Datasheet HTML 1Page - ON Semiconductor FAN7081M-GF085 Datasheet HTML 2Page - ON Semiconductor FAN7081M-GF085 Datasheet HTML 3Page - ON Semiconductor FAN7081M-GF085 Datasheet HTML 4Page - ON Semiconductor FAN7081M-GF085 Datasheet HTML 5Page - ON Semiconductor FAN7081M-GF085 Datasheet HTML 6Page - ON Semiconductor FAN7081M-GF085 Datasheet HTML 7Page - ON Semiconductor FAN7081M-GF085 Datasheet HTML 8Page - ON Semiconductor FAN7081M-GF085 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.onsemi.com
2
Block Diagrams
PULSE
GEN
UV
DETECT
PULSE
FILTER
R
R
S
Q
HV Level
Shift
IN
VB
HO
VS
VCC
COM
UV
DETECT
Pin Assignments
1
2
3
4
5
6
7
8
VCC
IN
N.C
VS
HO
VB
N.C
COM
Pin Definitions
Pin Number
Pin Name
I/O
Pin Function Description
1
VCC
P
Driver supply voltage
2
IN
I
Logic input for high side gate drive output, out of phase with HO
3
COM
P
Ground
4
NC
-
NC
5
NC
-
NC
6
VS
P
High side floating offset for MOSFET Source connection
7
HO
A
High side drive output for MOSFET Gate connection
8
VB
P
Driver output stage supply


Similar Part No. - FAN7081M-GF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081M FAIRCHILD-FAN7081M Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7081MX FAIRCHILD-FAN7081MX Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7081MX_GF085 FAIRCHILD-FAN7081MX_GF085 Datasheet
419Kb / 16P
   The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
FAN7081M_GF085 FAIRCHILD-FAN7081M_GF085 Datasheet
419Kb / 16P
   The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
More results

Similar Description - FAN7081M-GF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com