Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3225CMPX Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN3225CMPX
Description  Dual 4-A High-Speed, Low-Side Gate Drivers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3225CMPX Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN3225CMPX Datasheet HTML 6Page - ON Semiconductor FAN3225CMPX Datasheet HTML 7Page - ON Semiconductor FAN3225CMPX Datasheet HTML 8Page - ON Semiconductor FAN3225CMPX Datasheet HTML 9Page - ON Semiconductor FAN3225CMPX Datasheet HTML 10Page - ON Semiconductor FAN3225CMPX Datasheet HTML 11Page - ON Semiconductor FAN3225CMPX Datasheet HTML 12Page - ON Semiconductor FAN3225CMPX Datasheet HTML 13Page - ON Semiconductor FAN3225CMPX Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.onsemi.com
10
Electrical Characteristics
Unless otherw ise noted, VDD=12 V, TJ=-40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
All Except for FAN3225C-TMX-F085 (Autom otive-Qualified Versions)
tRISE
Output Rise Time
(14)
CLOAD=2200 pF
12
20
ns
tFALL
Output Fall Time
(14)
CLOAD=2200 pF
9
17
ns
tDEL.MATCH
Propagation Matching Betw een
Channels
INA=INB, OUTA and OUTB at
50% Point
2
4
ns
IRVS
Output Reverse Current Withstand
(12)
500
mA
tD1, tD2
Output Propagation Delay, CMOS
Inputs
(14,15)
0 – 12 VIN, 1 V/ns Slew Rate
9
18
34
ns
tD1, tD2
Output Propagation Delay, TTL
Inputs
(14,15)
0 – 5 VIN, 1 V/ns Slew Rate
6
16
30
ns
VOH
High Level Output Voltage
(15)
VOH =VDD
–VOUT, IOUT=–1 mA
15
35
mV
VOL
Low Level Output Voltage
(15)
IOUT = 1 mA
10
25
mV
FAN3225C_TMX_F085 (Autom otive-Qualificed Versions)
tRISE
Output Rise Time
(14)
CLOAD=2200 pF
12
28
ns
tFALL
Output Fall Time
(14)
CLOAD=2200 pF
9
26
ns
VOH
High Level Output Voltage
(15)
VOH =VDD
–VOUT, IOUT=–1 mA
15
37
mV
VOL
Low Level Output Voltage
(15)
IOUT = 1 mA
10
25
mV
Notes:
10. Low er supply current due to inactive TTL circuitry.
11. EN inputs have TTL thresholds; refer to the ENABLE section.
12. Not tested in production.
13. See Timing Diagrams of Figure 10 and Figure 11.
14. See Timing Diagrams of Figure 8 and Figure 9.
15. Applies only to _F085 versions.


Similar Part No. - FAN3225CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3225CMPX FAIRCHILD-FAN3225CMPX Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3225CMPX FAIRCHILD-FAN3225CMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3225CMPX FAIRCHILD-FAN3225CMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3225CMPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com