Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3224TMPX Datasheet(PDF) 1 Page - ON Semiconductor

Part # FAN3224TMPX
Description  Dual 4-A High-Speed, Low-Side Gate Drivers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3224TMPX Datasheet(HTML) 1 Page - ON Semiconductor

  FAN3224TMPX Datasheet HTML 1Page - ON Semiconductor FAN3224TMPX Datasheet HTML 2Page - ON Semiconductor FAN3224TMPX Datasheet HTML 3Page - ON Semiconductor FAN3224TMPX Datasheet HTML 4Page - ON Semiconductor FAN3224TMPX Datasheet HTML 5Page - ON Semiconductor FAN3224TMPX Datasheet HTML 6Page - ON Semiconductor FAN3224TMPX Datasheet HTML 7Page - ON Semiconductor FAN3224TMPX Datasheet HTML 8Page - ON Semiconductor FAN3224TMPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
© 2016 Semiconductor Components Industries, LLC
Publication Order Number
December-2017, Rev. 2
FAN3224/D
FAN3223 / FAN3224 / FAN3225
Dual 4-A High-Speed, Low-Side Gate Drivers
Features
Industry-Standard Pinouts
4.5-V to 18-V Operating Range
5-A Peak Sink/Source at V
DD = 12 V
4.3-A Sink / 2.8-A Source at V
OUT = 6 V
Choice of TTL or CMOS Input Thresholds
Three Versions of Dual Independent Drivers:
-
Dual Inverting + Enable (FAN3223)
-
Dual Non-Inverting + Enable (FAN3224)
-
Dual-Inputs (FAN3225)
Internal Resistors Turn Driver Off If No Inputs
MillerDrive™ Technology
12-ns / 9-ns Typical Rise/Fall Times (2.2-nF Load)
Under 20-ns Typical Propagation Delay Matched
w ithin 1 ns to the Other Channel
Double Current Capability by Paralleling Channels
8-Lead 3x3 mm MLP or 8-Lead SOIC Package
Rated from –40°C to +125°C Ambient
Automotive Qualified to AEC-Q100 (F085 Version)
Applications
Sw itch-Mode Pow er Supplies
High-Efficiency MOSFET Sw itching
Synchronous Rectifier Circuits
DC-to-DC Converters
Motor Control
Automotive-Qualified Systems (F085 version)
Description
The FA N3223-25 family of dual 4 A gate dr ivers is
designed
to
drive
N-channel
enhancement- mode
MOSFETs
in
low -side
sw itching
applications
by
providing high peak current pulses dur ing the short
sw itching intervals. The driver is available w ith either
TTL
or
CMOS
input thresholds.
Internal
circuitry
provides an under-voltage lockout function by holding
the output LOW until the supply voltage is w ithin the
operating range. In addition, the drivers feature matched
internal propagation delays betw een A and B channels
for applications requiring dual gate drives w ith critical
timing, such
as
synchronous
rectifiers. This
also
enables connecting tw o drivers in parallel to effectively
double the current capability driving a single MOSFET.
The
FA N322X
drivers
incorporate
Miller Drive™
architecture for the final output stage. This bipolar-
MOSFET combination provides high current during the
Miller plateau stage of the MOSFET turn-on / turn-off
process to minimize sw itching loss, w hile providing rail-
to-rail voltage sw ing and reverse current capability.
The FAN3223 offers tw o inverting drivers and the
FA N3224 offers tw o non-inverting drivers. Each device
has dual independent enable pins that default to ON if
not connected. In the FA N3225, each channel has dual
inputs of opposite polar ity, w hich allow s configuration as
non-inverting or
inverting w ith an optional enable
function using the second input. If one or both inputs are
left unconnected, internal resistors bias the inputs such
that the output is pulled LOW to hold the pow er
MOSFET OFF.
1
ENA
INA
GND
ENB
VDD
INB
OUTA
OUTB
2
3
4
8
6
5
A
7
B
1
ENB
VDD
OUTA
OUTB
2
3
4
8
6
5
7
A
B
ENA
INA
GND
INB
1
INA+
VDD
OUTA
OUTB
2
3
4
8
6
5
7
INB+
GND
INB
-
INA
-
+
-
A
+
-
B
FAN3223
FAN3224
FAN3225
Figure 1.
Pin Configurations


Similar Part No. - FAN3224TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3224TMPX FAIRCHILD-FAN3224TMPX Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3224TMPX FAIRCHILD-FAN3224TMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3224TMPX FAIRCHILD-FAN3224TMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3224TMPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com