Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3227CMX Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN3227CMX
Description  Dual 2-A High-Speed, Low-Side Gate Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3227CMX Datasheet(HTML) 5 Page - ON Semiconductor

  FAN3227CMX Datasheet HTML 1Page - ON Semiconductor FAN3227CMX Datasheet HTML 2Page - ON Semiconductor FAN3227CMX Datasheet HTML 3Page - ON Semiconductor FAN3227CMX Datasheet HTML 4Page - ON Semiconductor FAN3227CMX Datasheet HTML 5Page - ON Semiconductor FAN3227CMX Datasheet HTML 6Page - ON Semiconductor FAN3227CMX Datasheet HTML 7Page - ON Semiconductor FAN3227CMX Datasheet HTML 8Page - ON Semiconductor FAN3227CMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.onsemi.com
5
Block Diagrams
6
VDD
7
V
DD_OK
5
INA
2
100k
ENA
1
GND
3
V
DD
UVLO
100k
8
V
DD
ENB
INB
4
OUTA
OUTB
100k
100k
100k
100k
V
DD
V
DD
Figure 5. FAN3226 Block Diagram
6
VDD
7
OUTA
V
DD_OK
5
INA
2
100k
ENA
1
GND
3
V
DD
UVLO
100k
8
V
DD
ENB
INB
4
OUTB
100k
100k
100k
100k
Figure 6. FAN3227 Block Diagram


Similar Part No. - FAN3227CMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3227CMX FAIRCHILD-FAN3227CMX Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227CMX FAIRCHILD-FAN3227CMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227CMX FAIRCHILD-FAN3227CMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227CMX FAIRCHILD-FAN3227CMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227CMX FAIRCHILD-FAN3227CMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3227CMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com