Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3226CMX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN3226CMX
Description  Dual 2-A High-Speed, Low-Side Gate Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3226CMX Datasheet(HTML) 3 Page - ON Semiconductor

  FAN3226CMX Datasheet HTML 1Page - ON Semiconductor FAN3226CMX Datasheet HTML 2Page - ON Semiconductor FAN3226CMX Datasheet HTML 3Page - ON Semiconductor FAN3226CMX Datasheet HTML 4Page - ON Semiconductor FAN3226CMX Datasheet HTML 5Page - ON Semiconductor FAN3226CMX Datasheet HTML 6Page - ON Semiconductor FAN3226CMX Datasheet HTML 7Page - ON Semiconductor FAN3226CMX Datasheet HTML 8Page - ON Semiconductor FAN3226CMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.onsemi.com
3
Package Outlines
1
8
7
2
6
3
4
5
2
3
8
6
1
4
7
5
Figure 2. 3x3 mm MLP-8 (Top View )
Figure 3. SOIC-8 (Top View )
Thermal Characteristics
(2)
Package
Θ
JL
(3)
Θ
JT
(4)
Θ
JA
(5)
Ψ
JB
(6)
Ψ
JT
(7)
Unit
8-Lead 3x3 mm Molded Leadless Package (MLP)
1.6
68
43
3.5
0.8
°C/W
8-Pin Small Outline Integrated Circuit (SOIC)
40
31
89
43
3.0
°C/W
Notes:
2.
Estimates derived from thermal simulation; actual values depend on the application.
3.
Theta_JL (
Θ
JL): T herm al resi stance between the sem i conductor j unction and the bottom surface of al l the l eads (i ncl uding any
thermal pad) that are typically soldered to a PCB.
4.
Theta_JT (
Θ
JT): T herm al resi stance between the sem i conductor j unction and the top surface of the package, assum i ng i t i s
held at a uniform temperature by a top-side heatsink.
5.
Theta_JA (
Θ
JA): T herm al resi stance between j uncti on and am bi ent, dependent on the PCB desi gn, heat si nki ng, and airfl ow.
The value given is for natural convection with no heatsink using a 2S2P board, as specified in JEDEC standards JESD51-2,
JESD51-5, and JESD51-7, as appropriate.
6.
Psi_JB (
Ψ
JB): T herm al characteri zation param eter provi ding correl ation between sem i conductor j unction tem perature and an
application circuit board reference point for the thermal environment defined in Note 5. For the MLP-8 package, the board
reference is defined as the PCB copper connected to the thermal pad and protruding from either end of the package. For the
SOIC-8 package, the board reference is defined as the PCB copper adjacent to pin 6.
7.
Psi_JT (
Ψ
JT): T herm al characteri zation param eter providing correl ati on between the sem i conductor j unction temperature and
the center of the top of the package for the thermal environment defined in Note 5.


Similar Part No. - FAN3226CMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226CMX FAIRCHILD-FAN3226CMX Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226CMX FAIRCHILD-FAN3226CMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226CMX FAIRCHILD-FAN3226CMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226CMX FAIRCHILD-FAN3226CMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226CMX FAIRCHILD-FAN3226CMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3226CMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com