Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3240 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FAN3240
Description  Smart Dual-Coil Relay Drivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3240 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FAN3240 Datasheet HTML 5Page - ON Semiconductor FAN3240 Datasheet HTML 6Page - ON Semiconductor FAN3240 Datasheet HTML 7Page - ON Semiconductor FAN3240 Datasheet HTML 8Page - ON Semiconductor FAN3240 Datasheet HTML 9Page - ON Semiconductor FAN3240 Datasheet HTML 10Page - ON Semiconductor FAN3240 Datasheet HTML 11Page - ON Semiconductor FAN3240 Datasheet HTML 12Page - ON Semiconductor FAN3240 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3240 • Rev. 1.0.2
8
Typical Performance Characteristics
Typical characteristics are provided at TA = 25°C and VS = 40 V unless otherwise noted.
Figure 5.
Supply Current vs. Supply Voltage
Figure 6.
Supply Current vs. Temperature
Figure 7.
ON / OFF Thresholds vs. Temperature
Figure 8.
5VB Reference vs. Temperature
Figure 9.
EN to OUTx Delay vs. Temperature
Figure 10. 5VB Current Capability at 4.75 V Output vs.
Supply Voltage and Temperature


Similar Part No. - FAN3240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
FAN3240TMX FAIRCHILD-FAN3240TMX Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
FAN3240TMX FAIRCHILD-FAN3240TMX Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
More results

Similar Description - FAN3240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3241 FAIRCHILD-FAN3241 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
Texas Instruments
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
logo
Toshiba Semiconductor
SSM6N357R TOSHIBA-SSM6N357R Datasheet
457Kb / 9P
   Relay Drivers
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com