Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3223 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FAN3223
Description  Dual 4-A High-Speed, Low-Side Gate Drivers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3223 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FAN3223 Datasheet HTML 9Page - ON Semiconductor FAN3223 Datasheet HTML 10Page - ON Semiconductor FAN3223 Datasheet HTML 11Page - ON Semiconductor FAN3223 Datasheet HTML 12Page - ON Semiconductor FAN3223 Datasheet HTML 13Page - ON Semiconductor FAN3223 Datasheet HTML 14Page - ON Semiconductor FAN3223 Datasheet HTML 15Page - ON Semiconductor FAN3223 Datasheet HTML 16Page - ON Semiconductor FAN3223 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.onsemi.com
13
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12 V unless otherw ise noted.
Figure 17.
IDD (2.2 nF Load) vs. Frequency
Figure 18.
IDD (2.2 nF Load) vs. Frequency
Figure 19.
IDD (Static) vs. Tem perature
(16)
Figure 20.
IDD (Static) vs. Tem perature
(16)
Figure 21.
IDD (Static) vs. Tem perature
(16)


Similar Part No. - FAN3223

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
More results

Similar Description - FAN3223

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com