Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3111 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN3111
Description  Single 1A High-Speed, Low-Side Gate Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3111 Datasheet(HTML) 3 Page - ON Semiconductor

  FAN3111 Datasheet HTML 1Page - ON Semiconductor FAN3111 Datasheet HTML 2Page - ON Semiconductor FAN3111 Datasheet HTML 3Page - ON Semiconductor FAN3111 Datasheet HTML 4Page - ON Semiconductor FAN3111 Datasheet HTML 5Page - ON Semiconductor FAN3111 Datasheet HTML 6Page - ON Semiconductor FAN3111 Datasheet HTML 7Page - ON Semiconductor FAN3111 Datasheet HTML 8Page - ON Semiconductor FAN3111 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111
• Rev. 1.6
2
Ordering Information
Part Number
Input
Threshold
Package
Packing Method
Quantity per
Reel
FAN3111CSX
CMOS
5-Pin SOT23
Tape & Reel
3,000
FAN3111ESX
External
5-Pin SOT23
Tape & Reel
3,000
Thermal Characteristics
(1)
Package
JL
(2)
JT
(3)
JA
(4)
JB
(5)
JT
(6)
Units
5-Pin SOT23
58
102
161
53
6
°C/W
Notes:
1.
Estimates derived from thermal simulation; actual values depend on the application.
2.
Theta_JL (JL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads
(including any thermal pad) that are typically soldered to a PCB.
3.
Theta_JT (JT): Thermal resistance between the semiconductor junction and the top surface of the package,
assuming it is held at a uniform temperature by a top-side heatsink.
4.
Theta_JA (
ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking,
and airflow. The value given is for natural convection with no heatsink using a 2S2P board,, as specified in
JEDEC standards JESD51-2, JESD51-5, and JESD51-7, as appropriate.
5.
Psi_JB (JB): Thermal characterization parameter providing correlation between semiconductor junction
temperature and an application circuit board reference point for the thermal environment defined in Note 4. For
the MLP-8 package, the board reference is defined as the PCB copper connected to the thermal pad and
protruding from either end of the package. For the SOIC-8 package, the board reference is defined as the PCB
copper adjacent to pin 6.
6.
Psi_JT (JT): Thermal characterization parameter providing correlation between the semiconductor junction
temperature and the center of the top of the package for the thermal environment defined in Note 4.
Pin Definitions
Pin #
Name
Description
1
VDD
Supply Voltage
. Provides power to the IC.
2
GND
Ground
. Common ground reference for input and output circuits.
3
IN+
Non-Inverting Input
. Connect to VDD to enable output.
4
IN
FAN3111C Inverting Input
. Connect to GND to enable output.
XREF
FAN3111E External Reference Voltage
. Reference for input thresholds, 2 V to 5 V.
5
OUT
Gate Drive Output
. Held low unless required inputs are present.
Output Logic with Dual-Input Configuration
IN+
I
N−
OUT
0
(7)
0
0
0
(7)
1
(7)
0
1
0
1
1
1
(7)
0
Note:
7.
Default input signal if no external connection is made.


Similar Part No. - FAN3111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111C FAIRCHILD-FAN3111C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com