Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDM10VD-2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # CDM10VD-2
Description  Flexible 0-10V Dimming Solution
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CDM10VD-2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button CDM10VD-2 Datasheet HTML 5Page - Infineon Technologies AG CDM10VD-2 Datasheet HTML 6Page - Infineon Technologies AG CDM10VD-2 Datasheet HTML 7Page - Infineon Technologies AG CDM10VD-2 Datasheet HTML 8Page - Infineon Technologies AG CDM10VD-2 Datasheet HTML 9Page - Infineon Technologies AG CDM10VD-2 Datasheet HTML 10Page - Infineon Technologies AG CDM10VD-2 Datasheet HTML 11Page - Infineon Technologies AG CDM10VD-2 Datasheet HTML 12Page - Infineon Technologies AG CDM10VD-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Variable Frequency PWM Input Mode
CDM10VD device can be operated in a 'frequency conversion input mode'. In this mode the PWM input signal on
Rdim+ with frequencies between 100 Hz and 3 kHz will be converted to 1 kHz signal on Iout. The duty cycle
between input and output signals remain at the same level. The configuration and conditions are described
below.
Variable frequency mode conditions
Figure 6
Timing for the Variable Frequency PWM Input Mode
Table 4
Conditions for the Variable Frequency PWM Input Mode
Condition
Name
Min
Nom
Max
RdimH
Rdim+High Value
9.6 V
VCC+0,5V
RdimL
Rdim+Low Value
-0.5 V
0.0 V
0.5 V
IoutH
IoutHigh Value
RIout * IIout1
IoutL
IoutLow Value
0.0 V
tIN
Period input signal
0.33 ms
1.0 ms
10.0 ms
tOUT
Period ouput signal
1.0 ms - 5 %
1.0 ms
1.0ms + 5 %
tR
Rising edge time
1.8 μs
tF
Falling edge time
1.8 μs
Note:
1 RIout is the resistance connected between the Iout and the GND-PIN. Iout is 1 mA or 5 mA dependent on
the CDM10VD version.
Once the CDM10VD detects the frequency in the range 100 Hz and 3 kHz on the Rdim+ input the internal FSM will
lock after min eight input signal periods. In this time the input Rdim+ signal is provided to the Iout directly, see
Figure 7.
CDM10VD
Flexible 0-10V Dimming Solution
Functional Description
Datasheet
9
V1.1
2017-08-02


Similar Part No. - CDM10VD-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
   Flexible 0-10V Dimming Solution
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
   Flexible 0-10V Dimming Solution
V1.1 2017-08-04
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
   A 0-10V Dimming Solution
V1.1 2017-08-04
More results

Similar Description - CDM10VD-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
   Flexible 0-10V Dimming Solution
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
   Flexible 0-10V Dimming Solution
V1.1 2017-08-04
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
   Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
   Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
   Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
   Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Infineon Technologies A...
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
   A 0-10V Dimming Solution
V1.1 2017-08-04
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
   FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
logo
List of Unclassifed Man...
XJ180C090V285PSF2M ETC-XJ180C090V285PSF2M Datasheet
1Mb / 10P
   180W 0.1-0.9A 0-10V Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com