Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0194200010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0194200010
Description  MX150L Female Terminal for 18-22 AWG Wire, Tin Plated
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0194200010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0194200010_18 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/15/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194200010
Status:
Active
Overview:
MX150L Industrial Sealed Connector System
Description:
MX150L Female Terminal for 18-22 AWG Wire, Tin Plated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19417-001-001 (PDF)
Product Literature (PDF)
Packaging Specification PK-19420-001 (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Crimp Terminals
Series
19417
Application
Power
Comments
UL EI52602
Crimp Quality Equipment
Yes
Overview
MX150L Industrial Sealed Connector System
Packaging Alternative
19420-0002 (Reel)
Product Literature Order No
987650-2181
Product Name
MX150L
UPC
822348035786
Physical
Flammability
94V-0
Gender
Female
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
0.352/g
Packaging Type
Bag
Plating min - Mating
1.905µm
Plating min - Termination
1.905µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.36-2.74mm
Wire Size AWG
18, 19, 20, 22
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-19420-001
Product Specification
PS-19417-001-001
Sales Drawing
SD-19420-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
19417 Series
Mates With
19417
Use With
19418
This document was generated on 05/15/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0194200010_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194200010 MOLEX4-0194200010 Datasheet
120Kb / 3P
   MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated
More results

Similar Description - 0194200010_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194200010 MOLEX4-0194200010 Datasheet
120Kb / 3P
   MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated
0194200002 MOLEX4-0194200002 Datasheet
121Kb / 3P
   MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200002 MOLEX1-0194200002_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200004 MOLEX1-0194200004_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 18-22 AWG Wire, Gold Plated, Metal Strip Carrier
0194200009 MOLEX1-0194200009_18 Datasheet
34Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Tin Plated
0194200009 MOLEX4-0194200009 Datasheet
119Kb / 3P
   MX150L??Female Terminal for 14-16 AWG Wire, Tin Plated
0194200001 MOLEX1-0194200001_18 Datasheet
36Kb / 1P
   MX150L Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
0194200001 MOLEX4-0194200001 Datasheet
120Kb / 3P
   MX150L??Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
0194170048 MOLEX1-0194170048_18 Datasheet
33Kb / 1P
   MX150L Male Terminal for 18-22 AWG Wire, Length 25.40mm
0357254510 MOLEX5-0357254510 Datasheet
85Kb / 2P
   6.35mm (.250") Tab Wire-To-Board Terminal, Female, 22-18 AWG, Pre-Tin Plated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com