Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RC32T355-150DH Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT79RC32T355-150DH
Description  IDT Interprise Integrated Communications Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC32T355-150DH Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT79RC32T355-150DH Datasheet HTML 7Page - Integrated Device Technology IDT79RC32T355-150DH Datasheet HTML 8Page - Integrated Device Technology IDT79RC32T355-150DH Datasheet HTML 9Page - Integrated Device Technology IDT79RC32T355-150DH Datasheet HTML 10Page - Integrated Device Technology IDT79RC32T355-150DH Datasheet HTML 11Page - Integrated Device Technology IDT79RC32T355-150DH Datasheet HTML 12Page - Integrated Device Technology IDT79RC32T355-150DH Datasheet HTML 13Page - Integrated Device Technology IDT79RC32T355-150DH Datasheet HTML 14Page - Integrated Device Technology IDT79RC32T355-150DH Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11 of 47
May 25, 2004
IDT 79RC32355
DMAP[2]
O
Low Drive Active DMA channel code. DMA debug enable is selected during reset using the boot configuration and overrides the
selection of the Primary and Alternate functions.
Primary function: General Purpose I/O, GPIOP[9].
1st Alternate function: U1SINP.
DMAP[3]
O
Low Drive Active DMA channel code. DMA debug enable is selected during reset using the boot configuration and overrides the
selection of the Primary and Alternate functions.
Primary function: General Purpose I/O, GPIOP[8].
1st Alternate function: U1SOUTP.
UART
U0SOUTP
I
STI
UART channel 0 serial transmit.
Primary function: General Purpose I/O, GPIOP[0]. At reset, this pin defaults to primary function GPIOP[0].
U0SINP
I
STI
UART channel 0 serial receive.
Primary function: General Purpose I/O, GPIOP[1]. At reset, this pin defaults to primary function GPIOP[1].
U0RIN
I
STI
UART channel 0 ring indicator.
Primary function: General Purpose I/O, GPIOP[2]. At reset, this pin defaults to primary function GPIOP[2] if JTAG reset
enable is not selected during reset using the boot configuration.
2nd Alternate function: JTAG boundary scan reset, JTAG_TRST_N.
U0DCRN
I
STI
UART channel 0 data carrier detect.
Primary function: General Purpose I/O, GPIOP[3]. At reset, this pin defaults to primary function GPIOP[3].
U0DTRN
O
Low Drive UART channel 0 data terminal ready.
Primary function: General Purpose I/O, GPIOP[4]. At reset, this pin defaults to primary function GPIOP[4] if CPU/DMA Sta-
tus Mode enable is not selected during reset using the boot configuration.
2nd Alternate function: CPU or DMA transaction indicator, CPUP.
U0DSRN
I
STI
UART channel 0 data set ready.
Primary function: General Purpose I/O, GPIOP[5]. At reset, this pin defaults to primary function GPIOP[5].
U0RTSN
O
Low Drive UART channel 0 request to send.
Primary function: General Purpose I/O, GPIOP[6]. At reset, this pin defaults to primary function GPIOP[6].
U0CTSN
I
STI
UART channel 0 clear to send.
Primary function: General Purpose I/O, GPIOP[7]. At reset, this pin defaults to primary function GPIOP[7].
U0SOUTP
O
Low Drive UART channel 1 serial transmit.
Primary function: General Purpose I/O, GPIOP[8]. At reset, this pin defaults to primary function GPIOP[8] if DMA Debug
enable is not selected during reset using the boot configuration.
2nd Alternate function: DMA channel, DMAP[3].
U1SINP
I
STI
UART channel 1 serial receive.
Primary function: General Purpose I/O, GPIOP[9]. At reset, this pin defaults to primary function GPIOP[9] if DMA Debug
enable is not selected during reset using the boot configuration.
2nd Alternate function: DMA channel, DMAP[2].
U1DTRN
O
Low Drive UART channel 1 data terminal ready.
Primary function: General Purpose I/O, GPIOP[10]. At reset, this pin defaults to primary function GPIOP[10] if ICE Interface
enable is not selected during reset using the boot configuration.
Alternate function: PC trace status bit 0, EJTAG_PCST[0].
U1DSRN
I
STI
UART channel 1 data set ready.
Primary function: General Purpose I/O, GPIOP[11]. At reset, this pin defaults to primary function GPIOP[11] if ICE Interface
enable is not selected during reset using the boot configuration.
2nd Alternate function: PC trace status bit 1, EJTAG_PCST[1].
U1RTSN
O
Low Drive UART channel 1 request to send.
Primary function: General Purpose I/O, GPIOP[12]. At reset, this pin defaults to primary function GPIOP[12] if ICE Interface
enable is not selected during reset using the boot configuration.
2nd Alternate function: PC trace status bit 2, EJTAG_PCST[2].
Name
Type I/O Type
Description
Table 1 Pin Descriptions (Part 7 of 8)


Similar Part No. - IDT79RC32T355-150DH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32134 IDT-IDT79RC32134 Datasheet
469Kb / 25P
   RISCore32300TM Family System Controller Chip
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
   IDTTM InterpriseTM Integrated Communications Processor
IDT79RC32V134DS IDT-IDT79RC32V134DS Datasheet
469Kb / 25P
   RISCore32300TM Family System Controller Chip
IDT79RC32V134DSI IDT-IDT79RC32V134DSI Datasheet
469Kb / 25P
   RISCore32300TM Family System Controller Chip
logo
Renesas Technology Corp
IDT79RC32V364 RENESAS-IDT79RC32V364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
More results

Similar Description - IDT79RC32T355-150DH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC32351 IDT-79RC32351 Datasheet
864Kb / 42P
   IDT Interprise Integrated Communications Processor
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
RC32434 IDT-RC32434 Datasheet
877Kb / 53P
   IDT TInterprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
   QorIQ Integrated Multicore Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com