Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C16256-60T Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC41C16256-60T
Description  256Kx16 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C16256-60T Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IC41C16256-60T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C16256-60T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C16256-60T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C16256-60T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C16256-60T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C16256-60T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C16256-60T Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41C16256-60T Datasheet HTML 12Page - Integrated Circuit Solution Inc IC41C16256-60T Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IC41C16256
IC41LV16256
Integrated Circuit Solution Inc.
9
DR018-0C 04/23/2004
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-25
-35
-50
-60
Symbol
Parameter
Min. Max. Min. Max.
Min. Max.
Min. Max. Units
tACH
Column-Address Setup Time to CAS
15
15
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
5
8
10
15
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0—
0—
0—
0—
ns
tDH
Data-In Hold Time(15, 22)
5—
6—
8—
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
65
80
125
140
ns
tRWD
RAS to WE Delay Time during
35
45
70
80
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
17
25
34
36
ns
tAWD
Column-Address to WE Delay Time(14)
21
30
42
49
ns
tPC
EDO Page Mode READ or WRITE
10
12
20
25
ns
Cycle Time(24)
tRASP
RAS Pulse Width in EDO Page Mode
25
100K
35
100K
50
100K
50
100K
ns
tCPA
Access Time from CAS Precharge(15)
—14
21
—27
34
ns
tPRWC
EDO Page Mode READ-WRITE
32
40
47
56
ns
Cycle Time(24)
tCOH
Data Output Hold after CAS LOW
5—
5—
5—
5—
ns
tOFF
Output Buffer Turn-Off Delay from
3
15
3
15
3
15
3
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from WE
3
15
3
15
3
15
3
15
ns
tCLCH
Last CAS going LOW to First CAS
10
10
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
5—
8—
10
10
ns
tCHR
CAS Hold Time (CBR REFRESH)(30, 21)
7—
8—
10
10
ns
tORD
OE Setup Time prior to RAS during
0
0
0
0
ns
HIDDEN REFRESH Cycle
tREF
Refresh Period (512 Cycles)
8
8
8
8
ms
tT
Transition Time (Rise or Fall)(2, 3)
1
50
1
50
1
50
1
50
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 pF (Vcc = 5.0V ±10%)
One TTL Load and 50 pF (Vcc = 3.3V ±10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V ±10%);
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V ±10%)
Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5V ±10%, 3.3V ±10%)


Similar Part No. - IC41C16256-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35K ICSI-IC41C16257-35K Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35KI ICSI-IC41C16257-35KI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35T ICSI-IC41C16257-35T Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35TI ICSI-IC41C16257-35TI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41C16256-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
OKI electronic componet...
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com