Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8033 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8033
Description  60VIN, 3A Silent Switcher 關Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8033 Datasheet HTML 6Page - Linear Technology LTM8033 Datasheet HTML 7Page - Linear Technology LTM8033 Datasheet HTML 8Page - Linear Technology LTM8033 Datasheet HTML 9Page - Linear Technology LTM8033 Datasheet HTML 10Page - Linear Technology LTM8033 Datasheet HTML 11Page - Linear Technology LTM8033 Datasheet HTML 12Page - Linear Technology LTM8033 Datasheet HTML 13Page - Linear Technology LTM8033 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM8073
10
8073fa
For more information www.linear.com/LTM8073
Typical perForMance characTerisTics
CISPR22 Class B Radiated
DC2389A Demo Board, VOUT = 5V
No Filter (FB1 Short, C8, C9 Open)
CISPR22 Class B Radiated
DC2389A Demo Board, VOUT = 5V
No Filter (FB1 Short, C8, C9 Open)
TA = 25°C, unless otherwise noted.
fSW = 1.2MHz, VIN = 28V, IOUT = 3.5A
CLASS B LIMIT
HORIZONTAL
VERTICAL
FREQUENCY (MHz)
0
200
400
600
800
1000
–10
0
10
20
30
40
50
8073 G55
fSW = 1.2MHz, VIN = 14V, IOUT = 3.5A
CLASS B LIMIT
HORIZONTAL
VERTICAL
FREQUENCY (MHz)
0
200
400
600
800
1000
–10
0
10
20
30
40
50
8073 G56
pin FuncTions
GND (Bank 1, A1, A6, B3): Tie these GND pins to a
local ground plane below the LTM8073 and the circuit
components. In most applications, the bulk of the heat
flow out of the LTM8073 is through these pads, so the
printed circuit design has a large impact on the ther-
mal performance of the part. See the PCB Layout and
Thermal Considerations sections for more details.
VIN (Bank 2): VIN supplies current to the LTM8073’s
internal regulator and to the internal power switch. These
pins must be locally bypassed with an external, low ESR
capacitor; see Table 1 for recommended values.
VOUT (Bank 3): Power Output Pins. Apply the output
filter capacitor and the output load between these pins
and GND pins.
BIAS (Pin A2): The BIAS pin connects to the internal
power bus. Connect to a power source greater than 3.2V.
If VOUT is greater than 3.2V, connect this pin to AUX.
Decouple this pin with at least 1µF if the voltage source
for BIAS is remote.
PG (Pin A3): The PG pin is the open-collector output
of an internal comparator. PG remains low until the FB
pin voltage is between 0.73V and 0.88V typical. The PG
signal is valid when VIN is above 3.4V. If VIN is above
3.4V and RUN is low, PG will drive low. If this function
is not used, leave this pin floating.
SHARE (Pin A4): Tie this to the SHARE pin of another
LTM8073 to load share. Otherwise leave floating. Do not
drive this pin.
RT (Pin A5): The RT pin is used to program the switching
frequency of the LTM8073 by connecting a resistor from
this pin to ground. The Applications Information section
of the data sheet includes a table to determine the resis-
tance value based on the desired switching frequency.
Minimize capacitance at this pin. Do not drive this pin.
FB (Pin B1): The LTM8073 regulates its FB pin to 0.8V.
Connect the adjust resistor from this pin to ground. The
value of RFB is given by the equation RFB = 199.7/(VOUT
– 0.8), where RFB is in kΩ.


Similar Part No. - LTM8033

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8033 LINER-LTM8033 Datasheet
274Kb / 24P
   Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
LTM8033 LINER-LTM8033 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8033 LINER-LTM8033 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8033 LINER-LTM8033 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8033 LINER-LTM8033 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
More results

Similar Description - LTM8033

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Analog Devices
LT8386 AD-LT8386 Datasheet
2Mb / 28P
   60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
   Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com